| データシートサーチシステム |
|
ACE302 データシート(PDF) 7 Page - ACE Technology Co., LTD. |
|
|
|||||||||||||||||||||||||||||
ACE302 データシート(HTML) 7 Page - ACE Technology Co., LTD. |
|
7 / 13 page ![]() ACE302 Technology Low Voltage Detector with Built-in Delay Circuit VER 1.3 7 Function description High precision low temperature co-efficiency reference voltage is applied to the negative input of a comparator. Input voltage, divided by resistor array of Ra and Rb, is applied to the positive input of the comparator. Output of the comparator passes a delay circuit and a series of buffer to drive the output CMOS pair. VDET =VREF*(1+Ra/Rb) No Operation status Output status I VDD>Vdet Output voltage is equal to the supply voltage II VDD drops below Vdet Output voltage equals to GND level III VDD drops further below VDDL Output voltage is undefined IV VDD rises above VDDL Output voltage equals to GND level V VDD rises above Vdet Output voltage equals to supply voltage after Tdelay |