| データシートサーチシステム |
|
CDCE72010RGCT データシート(PDF) 65 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
CDCE72010RGCT データシート(HTML) 65 Page - Texas Instruments |
|
65 / 73 page ![]() POWER UP RESET, POWER DOWN MODE AND RESET OR HOLD POR V CC PDor Sleep Reset or Hold ResetSPIInterfaceandRegister12toDefault Power AllClockingCircuitryDown -ShutDown All AnalogCircuitry(/PD=0orSleep=0) -ShutDown AllDigitalCircuitry(/PD=0orSleep=0) -Disable AllOutputBuffers(/PD=0orSleep=0) -LoadEEPROMIntoRAMWhenReleased(atRisingEdgeof/PD) ResetDigitalCircuitry -Disable AllOutputBuffers(When/RESET=0) -ResetPLL (LoadWithRAMContentValuesatRisingEdge) -ResetOutputDividersandPhase AdjustCircuitry(atRisingEdge) WhenHoldFunctionIs Asserted -Tri-statetheChargePumpOutputWhen/HOLD=0 HoldFunctionIsDeassertedWhen -/HOLD=1andWeHaveValidReferenceClock Reset Hold /PD /Reset_Hold REG12: REG11: REG4: (ForceSleep/PDand/RESETor/HOLD) LossofReference Sleep 11 04 29 12 CDCE72010 www.ti.com.............................................................................................................................................................. SCAS858A – JUNE 2008 – REVISED JULY 2009 The CDCE72010 is designed to address various clock synchronization applications. Some functions can be set to be in automatic and manual mode or some functions can be controlled by software or by the internal circuitry. Figure 31 below explains the various functionalities of power up reset internal circuitry functionality, power down functionality and reset functionality. The hold function shares the same block with Reset and one bit in the EEPROM will select either function. Figure 31. Powerup, Reset, and Powerdown Block Diagram Copyright © 2008–2009, Texas Instruments Incorporated Submit Documentation Feedback 65 Product Folder Link(s): CDCE72010 |