データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PIC18F44J50 データシート(PDF) 4 Page - Microchip Technology

部品番号 PIC18F44J50
部品情報  PIC18F46J50 Family Silicon Errata and Data Sheet Clarification
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F44J50 データシート(HTML) 4 Page - Microchip Technology

  PIC18F44J50 Datasheet HTML 1Page - Microchip Technology PIC18F44J50 Datasheet HTML 2Page - Microchip Technology PIC18F44J50 Datasheet HTML 3Page - Microchip Technology PIC18F44J50 Datasheet HTML 4Page - Microchip Technology PIC18F44J50 Datasheet HTML 5Page - Microchip Technology PIC18F44J50 Datasheet HTML 6Page - Microchip Technology PIC18F44J50 Datasheet HTML 7Page - Microchip Technology PIC18F44J50 Datasheet HTML 8Page - Microchip Technology PIC18F44J50 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
PIC18F46J50 FAMILY
DS80436C-page 4
 2010 Microchip Technology Inc.
3. Module: Enhanced Universal
Synchronous Asynchronous
Receiver Transmitter (EUSART)
In rare situations, when interrupts are enabled,
unexpected results may occur if:
• The EUSART is disabled (the SPEN bit,
RCSTAx<7> = 0)
• The EUSART is re-enabled (RCSTAx<7> = 1)
• A two-cycle instruction is executed immediately
after setting SPEN = 1
Work around
Add a 2 TCY delay after any instruction that re-
enables the EUSART module (sets SPEN = 1).
Refer to Example 1.
EXAMPLE 1:
RE-ENABLING A EUSART MODULE
Affected Silicon Revisions
;Initial conditions: SPEN = 0 (module disabled)
;To re-enable the module:
;Re-Initialize TXSTAx, BAUDCONx, SPBRGx, SPBRGHx registers (if needed)
;Re-Initialize RCSTAx register (if needed), but do not set SPEN = 1 yet
;Now enable the module, but add a 2-Tcy delay before executing any two-cycle
;instructions
bsf
RCSTA1, SPEN
;or RCSTA2 if EUSART2
nop
;1 Tcy delay
nop
;1 Tcy delay (two total)
;CPU may now execute 2 cycle instructions
A2
A4
X
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12