| データシートサーチシステム |
|
MP3V5010GP データシート(PDF) 11 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MP3V5010GP データシート(HTML) 11 Page - Freescale Semiconductor, Inc |
|
11 / 12 page ![]() MP3V5010 Sensors Freescale Semiconductor 11 Pressure PACKAGE DIMENSIONS CASE 1369-01 ISSUE O SMALL OUTLINE PACKAGE NOTES: 1. 2. 3. 4. CONTROLLING DIMENSION: INCH. INTERPRET DIMENSIONS AND TOLERANCES PER ASME Y14.5M, 1994. DIMENSIONS "D" AND "E1" DO NOT INCLUDE MOLD FLASH OR PROTRUSIONS. MOLD FLASH OR PROTRUSIONS SHALL NOT EXCEED 0.006 (0.152) PER SIDE. DIMENSION "b" DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.008 (0.203) MAXIMUM. N A C 0.004 (0.1) DETAIL G SEATING PLANE 8X P T ∅ D E e/2 e A M 0.004 (0.1) B C E1 A B A 0.008 (0.20) B C 8X b 2 PLACES 4 TIPS 1 4 8 5 F DIM MIN MAX MIN MAX MILLIMETERS INCHES A 0.300 0.330 7.11 7.62 A1 0.002 0.010 0.05 0.25 b 0.038 0.042 0.96 1.07 D 0.465 0.485 11.81 12.32 E E1 0.465 0.485 11.81 12.32 e M 0.270 0.290 6.86 7.36 N 0.080 0.090 2.03 2.28 P 0.009 0.011 0.23 0.28 T 0.115 0.125 2.92 3.17 0.100 BSC 2.54 BSC F 0.245 0.255 6.22 6.47 K 0.120 0.130 3.05 3.30 L 0.061 0.071 1.55 1.80 0˚ 7˚ 0˚ 7˚ θ 0.717 BSC 18.21 BSC K M GAGE PLANE DETAIL G L A1 θ .014 (0.35) |