| データシートサーチシステム |
|
PMEG2005EB データシート(PDF) 5 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PMEG2005EB データシート(HTML) 5 Page - NXP Semiconductors |
|
5 / 7 page ![]() 2003 Apr 04 5 NXP Semiconductors Product data sheet Low VF MEGA Schottky barrier diode PMEG2005EB PACKAGE OUTLINE REFERENCES OUTLINE VERSION EUROPEAN PROJECTION ISSUE DATE IEC JEDEC JEITA SOD523 SC-79 98-11-25 02-12-13 Plastic surface mounted package; 2 leads SOD523 0 0.5 1 mm scale D 12 HE E bp A c v M A A UNIT bp cD E v mm AHE DIMENSIONS (mm are the original dimensions) Note 1. The marking bar indicates the cathode. (1) 0.34 0.26 0.17 0.11 0.1 0.85 0.75 1.25 1.15 0.65 0.58 1.65 1.55 |