データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PRLL5818 データシート(PDF) 7 Page - NXP Semiconductors

部品番号 PRLL5818
部品情報  Schottky barrier diodes
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

PRLL5818 データシート(HTML) 7 Page - NXP Semiconductors

Back Button PRLL5818 Datasheet HTML 3Page - NXP Semiconductors PRLL5818 Datasheet HTML 4Page - NXP Semiconductors PRLL5818 Datasheet HTML 5Page - NXP Semiconductors PRLL5818 Datasheet HTML 6Page - NXP Semiconductors PRLL5818 Datasheet HTML 7Page - NXP Semiconductors PRLL5818 Datasheet HTML 8Page - NXP Semiconductors PRLL5818 Datasheet HTML 9Page - NXP Semiconductors PRLL5818 Datasheet HTML 10Page - NXP Semiconductors PRLL5818 Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
1999 Apr 22
7
NXP Semiconductors
Product data sheet
Schottky barrier diodes
PRLL5817; PRLL5818;
PRLL5819
Fig.6
PRLL5817. Maximum permissible junction
temperature as a function of reverse voltage;
device mounted; refer to SOD87 standard
mounting conditions.
020
200
0
MBE635
100
10
VR (V)
Tj
(oC)
VRWM
VR
δ = 0.2
δ = 0.5
Fig.7
PRLL5817. Reverse power dissipation as a
function of reverse voltage (max. values);
device mounted; refer to SOD87 standard
mounting conditions.
020
0.1
0
MBE640
0.05
PR
10
VR (V)
(W)
VRWM
VR
δ = 0.5
δ = 0.2
Fig.8
PRLL5818. Maximum permissible junction
temperature as a function of reverse voltage;
device mounted; refer to SOD87 standard
mounting conditions.
040
200
0
MBE636
100
20
VR (V)
Tj
(oC)
VRWM
VR
δ = 0.2
δ = 0.5
Fig.9
PRLL5818. Reverse power dissipation as a
function of reverse voltage (max. values);
device mounted; refer to SOD87 standard
mounting conditions.
040
0.1
0
MBE638
0.05
PR
20
VR (V)
(W)
VRWM
VR
δ = 0.5
δ = 0.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11