データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADP172ACBZ-2.1-R7 データシート(PDF) 16 Page - Analog Devices

部品番号 ADP172ACBZ-2.1-R7
部品情報  300 mA, Low Quiescent Current CMOS Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADP172ACBZ-2.1-R7 データシート(HTML) 16 Page - Analog Devices

Back Button ADP172ACBZ-2.1-R7 Datasheet HTML 12Page - Analog Devices ADP172ACBZ-2.1-R7 Datasheet HTML 13Page - Analog Devices ADP172ACBZ-2.1-R7 Datasheet HTML 14Page - Analog Devices ADP172ACBZ-2.1-R7 Datasheet HTML 15Page - Analog Devices ADP172ACBZ-2.1-R7 Datasheet HTML 16Page - Analog Devices ADP172ACBZ-2.1-R7 Datasheet HTML 17Page - Analog Devices ADP172ACBZ-2.1-R7 Datasheet HTML 18Page - Analog Devices ADP172ACBZ-2.1-R7 Datasheet HTML 19Page - Analog Devices ADP172ACBZ-2.1-R7 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
ADP172
Rev. B | Page 16 of 20
PRINTED CIRCUIT BOARD LAYOUT
CONSIDERATIONS
Heat dissipation from the package can be improved by
increasing the amount of copper attached to the pins of the
ADP172. However, as can be seen from Table 6, a point of
diminishing returns is eventually reached, beyond which an
increase in the copper size does not yield significant heat
dissipation benefits.
Place the input capacitor as close as possible to the VIN and
GND pins. Place the output capacitor as close as possible to the
VOUT and GND pins. Use of 0402 or 0603 size capacitors and
resistors achieves the smallest possible footprint solution for
boards on which area is limited.
Figure 37. Example ADP172 PCB Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20