データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FSF356S データシート(PDF) 7 Page - Sanyo Semicon Device

部品番号 FSF356S
部品情報  5-PHASE STEPPING SYSTEMS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FSF356S データシート(HTML) 7 Page - Sanyo Semicon Device

Back Button FSF356S Datasheet HTML 2Page - Sanyo Semicon Device FSF356S Datasheet HTML 3Page - Sanyo Semicon Device FSF356S Datasheet HTML 4Page - Sanyo Semicon Device FSF356S Datasheet HTML 5Page - Sanyo Semicon Device FSF356S Datasheet HTML 6Page - Sanyo Semicon Device FSF356S Datasheet HTML 7Page - Sanyo Semicon Device FSF356S Datasheet HTML 8Page - Sanyo Semicon Device FSF356S Datasheet HTML 9Page - Sanyo Semicon Device FSF356S Datasheet HTML 10Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
6
Host Devices
PLC and controllers are available as
the host device.
Single
phase
AC100V
to
AC230V
(t)
(r)
● I/O signal connector(bundled)
● I/O signal cable  
(optional)
C
3
● Motor connector
(bundled)
2
● AC power connector
(bundled)
1
● AC power cable(optional)
A
Molded case
circuit breaker
Noise filter
Electromagnetic
contactor
Switches driver power
on/off. Use together
with a surge protector.
Filters out incoming
noise from power line
Protects the power line.
Cuts off circuit in the
event of overcurrent.
PLC



Html Pages

1 2 3 4 5 6 7 8 9 10