| データシートサーチシステム |
|
SC16IS752IPW データシート(PDF) 47 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SC16IS752IPW データシート(HTML) 47 Page - NXP Semiconductors |
|
47 / 59 page ![]() SC16IS752_SC16IS762_7 © NXP B.V. 2008. All rights reserved. Product data sheet Rev. 07 — 19 May 2008 47 of 59 NXP Semiconductors SC16IS752/SC16IS762 Dual UART with I2C-bus/SPI interface, 64-byte FIFOs, IrDA SIR Fig 25. GPIO pin interrupt 002aab257 A W SDA A R IRQ td4 S A DATA A ACK from master SLAVE ADDRESS IOSTATE REG. SLAVE ADDRESS A td5 GPIOn P ACK from slave ACK from slave Fig 26. Receive interrupt D0 D1 D2 D3 D4 D5 D6 D7 002aab258 next start bit stop bit start bit td6 RX IRQ Fig 27. Receive interrupt clear 002aab259 A W SDA A R IRQ S A DATA A SLAVE ADDRESS RHR SLAVE ADDRESS A td7 P Fig 28. Transmit interrupt clear 002aab260 A W SDA IRQ A DATA A THR REGISTER SLAVE ADDRESS A td8 |