データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M68HC05 データシート(PDF) 39 Page - Freescale Semiconductor, Inc

部品番号 M68HC05
部品情報  Microcontrollers
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FREESCALE [Freescale Semiconductor, Inc]
ホームページ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC05 データシート(HTML) 39 Page - Freescale Semiconductor, Inc

Back Button M68HC05 Datasheet HTML 35Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 36Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 37Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 38Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 39Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 40Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 41Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 42Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 43Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 128 page
background image
Central Processor Unit (CPU)
Arithmetic/Logic Unit (ALU)
MC68HC05J1A — Rev. 3.0
Technical Data
Central Processor Unit (CPU)
N — Negative Flag
The CPU sets the negative flag when an arithmetic operation, logical
operation, or data manipulation produces a negative result (bit 7 in the
results is a logic 1). Reset has no effect on the negative flag.
Z — Zero Flag
The CPU sets the zero flag when an arithmetic operation, logical
operation, or data manipulation produces a result of $00. Reset has
no effect on the zero flag.
C — Carry/Borrow Flag
The CPU sets the carry/borrow flag when an addition operation
produces a carry out of bit 7 of the accumulator or when a subtraction
operation requires a borrow. Some logical operations and data
manipulation instructions also clear or set the carry/borrow bit. Reset
has no effect on the carry/borrow flag.
3.4 Arithmetic/Logic Unit (ALU)
The arithmetic/logic unit (ALU) performs the arithmetic and logical
operations defined by the instruction set. The binary arithmetic circuits
decode instructions and set up the ALU for the selected operation. Most
binary arithmetic is based on the addition algorithm, carrying out
subtraction as negative addition. Multiplication is not performed as a
discrete operation but as a chain of addition and shift operations within
the ALU. The multiply instruction requires 11 internal clock cycles to
complete this chain of operations.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More