| データシートサーチシステム |
|
STM6600GS25DM6F データシート(PDF) 21 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM6600GS25DM6F データシート(HTML) 21 Page - STMicroelectronics |
|
21 / 51 page ![]() STM6600 - STM6601 Waveforms Doc ID 15453 Rev 7 21/51 Figure 14. PB interrupt 1. PB detection on falling edge. 2. PB is released within tSRD and that is why NO reset is asserted and EN is NOT deasserted immediately. PB (1,2) t DEBOUNCE t INT_Min t EN_OFF Push-button pressed and PB connected to GND and EN is deasserted accordingly PB status ignored V CC undervoltage detection ignored PB status ignored processor sets PSHOLD low PSHOLD AM00251v2 processor interrupt starts power-down sequence Note: VCC is considered VCC > VTH+. |