| データシートサーチシステム |
|
DG508AC/D データシート(PDF) 9 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
DG508AC/D データシート(HTML) 9 Page - Maxim Integrated Products |
|
9 / 9 page ![]() Monolithic CMOS Analog Multiplexers Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are implied. Maxim reserves the right to change the circuitry and specifications without notice at any time. Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600 _____________________ 9 © 2010 Maxim Integrated Products Maxim is a registered trademark of Maxim Integrated Products, Inc. Revision History REVISION NUMBER REVISION DATE DESCRIPTION PAGES CHANGED Updated the “Drain-Source On-Resistance” parameter for both the TA = +25°C and TA = TMIN to TMAX conditions. 2, 4 Deleted the QFN package from the Ordering Information, Absolute Maximum Ratings, Pin Configurations, Pin Descriptions, and Package Information sections. 1, 2, 5, 8 4 5/10 Added the DG508AMY/PR and DG509AMY/PR parts to the Ordering Information table. 1 |