| データシートサーチシステム |
|
HT48R02N データシート(PDF) 4 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT48R02N データシート(HTML) 4 Page - Holtek Semiconductor Inc |
|
4 / 71 page ![]() Pin Name Function OPT I/T O/T Description PA6/OSC1 PA6 PAPU PAWK ST CMOS General purpose I/O. Register enabled pull-up and wake-up. OSC1 CO OSC ¾ Oscillator pin PA7/RES PA7 PAWK ST NMOS General purpose I/O. Register enabled wake-up. RES CO ST ¾ Reset input VDD VDD ¾ PWR ¾ Power supply VSS VSS ¾ PWR ¾ Ground Note: I/T: Input type O/T: Output type OPT: Optional by configuration option (CO) or register option PWR: Power CO: Configuration option ST: Schmitt Trigger input CMOS: CMOS output The important point to note here is that the PB0 and PB1 pads will not be bounded to pins in the 10-pin MSOP package. These two pads default to an input state, the designer should set the register PBPU to pull high op- tions. In this way, these two internal pads can be pulled up in order to prevent input pin floating power con- sumption. HT48R01B/HT48R02B Pin Name Function OPT I/T O/T Description PA0 PA0 PAPU PAWK ST CMOS General purpose I/O. Register enabled pull-up and wake-up. PA1/PFD PA1 PAPU PAWK ST CMOS General purpose I/O. Register enabled pull-up and wake-up. PFD CTRL0 ¾ CMOS PFD output PA2/TC0 PA2 PAPU PAWK ST CMOS General purpose I/O. Register enabled pull-up and wake-up. TC0 ¾ ST ¾ External Timer 0 clock input PA3/INT PA3 PAPU PAWK ST CMOS General purpose I/O. Register enabled pull-up and wake-up. INT ¾ ST ¾ External interrupt input PA4/TC1 PA4 PAPU PAWK ST CMOS General purpose I/O. Register enabled pull-up and wake-up. TC1 ¾ ST ¾ External Timer 1 clock input PA5/OSC2 PA5 PAPU PAWK ST CMOS General purpose I/O. Register enabled pull-up and wake-up. OSC2 CO ¾ OSC Oscillator pin PA6/OSC1 PA6 PAPU PAWK ST CMOS General purpose I/O. Register enabled pull-up and wake-up. OSC1 CO OSC ¾ Oscillator pin PA7/RES PA7 PAWK ST NMOS General purpose I/O. Register enabled wake-up. RES CO ST ¾ Reset input VDD VDD ¾ PWR ¾ Power supply VSS VSS ¾ PWR ¾ Ground HT46R01B/02B/01N/02N HT48R01B/02B/01N/02N Rev.1.10 4 February 12, 2010 |