データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HT24LC02 データシート(PDF) 2 Page - Holtek Semiconductor Inc

部品番号 HT24LC02
部品情報  CMOS 2K 2-Wire Serial EEPROM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HOLTEK [Holtek Semiconductor Inc]
ホームページ  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT24LC02 データシート(HTML) 2 Page - Holtek Semiconductor Inc

  HT24LC02_10 Datasheet HTML 1Page - Holtek Semiconductor Inc HT24LC02_10 Datasheet HTML 2Page - Holtek Semiconductor Inc HT24LC02_10 Datasheet HTML 3Page - Holtek Semiconductor Inc HT24LC02_10 Datasheet HTML 4Page - Holtek Semiconductor Inc HT24LC02_10 Datasheet HTML 5Page - Holtek Semiconductor Inc HT24LC02_10 Datasheet HTML 6Page - Holtek Semiconductor Inc HT24LC02_10 Datasheet HTML 7Page - Holtek Semiconductor Inc HT24LC02_10 Datasheet HTML 8Page - Holtek Semiconductor Inc HT24LC02_10 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Absolute Maximum Ratings
Supply Voltage ..........................VSS
-0.3V to VSS+6.0V
Storage Temperature ............................
-50°Cto125°C
Input Voltage .............................VSS
-0.3V to VCC+0.3V
Operating Temperature...........................
-40°Cto85°C
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those listed
in the specification is not implied and prolonged exposure to extreme conditions may affect device reliability.
D.C. Characteristics
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VCC
Conditions
VCC
Operating Voltage
¾-40°Cto+85°C
2.2
¾
5.5
V
ICC1
Operating Current
5V
Read at 100kHz
¾¾
2mA
ICC2
Operating Current
5V
Write at 100kHz
¾¾
5mA
VIL
Input Low Voltage
¾¾
-1
¾
0.3VCC
V
VIH
Input High Voltage
¾¾
0.7VCC
¾
VCC+0.5
V
VOL
Output Low Voltage
2.4V
IOL=2.1mA
¾¾
0.4
V
ILI
Input Leakage Current
5V
VIN=0 or VCC
¾¾
1
mA
ILO
Output Leakage Current
5V
VOUT=0 or VCC
¾¾
1
mA
ISTB
Standby Current
2.2V~
5.5V
VIN=0 or VCC
¾¾
2
mA
CIN
Input Capacitance (See Note)
¾
f=1MHz 25
°C
¾¾
6pF
COUT
Output Capacitance (See Note)
¾
f=1MHz 25
°C
¾¾
8pF
Note:
These parameters are periodically sampled but not 100% tested
HT24LC02
Rev. 1.70
2
May 6, 2010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14