| データシートサーチシステム |
|
HT66F30 データシート(PDF) 4 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT66F30 データシート(HTML) 4 Page - Holtek Semiconductor Inc |
|
4 / 250 page ![]() Note: 1. Bracketed pin names indicate non-default pinout remapping locations. 2. If the pin-shared pin functions have multiple outputs simultaneously, its pin names at the right side of the ²/² sign can be used for higher priority. 3. VDD&AVDD means the VDD and AVDD are the double bonding. HT66F20/HT66F30/HT66F40/HT66F50/HT66F60 HT66FU30/HT66FU40/HT66FU50/HT66FU60 Rev. 1.20 4 June 4, 2010 H T 6 6 F 4 0 4 8 Q F N - A 1 3 1 4 1 5 1 6 1 7 1 8 1 9 2 0 2 1 2 2 2 3 2 4 1 2 3 4 5 6 7 8 9 1 0 1 1 1 2 3 6 3 5 3 4 3 3 3 2 3 1 3 0 2 9 2 8 2 7 2 6 2 5 3 7 3 8 3 9 4 0 4 1 4 2 4 3 4 4 4 5 4 6 4 7 4 8 N C P B 5 / S C S / V R E F P A 7 / S C K / S C L / A N 7 P A 6 / S D I / S D A / A N 6 P A 5 / C 1 X / S D O / A N 5 P A 4 / I N T 1 / T C K 1 / A N 4 P A 3 / I N T 0 / C 0 - / A N 3 P A 2 / T C K 0 / C 0 + / A N 2 P A 1 / T P 1 A / A N 1 P A 0 / C 0 X / T P 0 _ 0 / A N 0 N C P F 1 / [ C 1 X ] P D 3 / [ T C K 1 ] / [ S D O ] P D 4 / [ T P 2 _ 1 ] P D 5 / [ T P 0 _ 1 ] P E 0 P E 1 P E 2 P E 3 P C 6 / [ T P 0 _ 0 ] / S C O M 2 P C 7 / [ T P 1 A ] / S C O M 3 N C P C 0 / T P 1 B _ 0 / S C O M 0 P C 1 / T P 1 B _ 1 / S C O M 1 H T 6 6 F 4 0 4 4 Q F P - A / L Q F P - A 1 2 3 4 5 6 7 8 9 1 0 1 1 1 2 1 3 1 4 1 5 1 6 1 7 1 8 1 9 2 0 2 1 2 2 2 3 2 4 2 5 2 6 2 7 2 8 2 9 3 0 3 1 3 2 3 3 3 4 3 5 3 6 3 7 3 8 3 9 4 0 4 1 4 2 4 3 4 4 P B 5 / S C S / V R E F P A 7 / S C K / S C L / A N 7 P A 6 / S D I / S D A / A N 6 P A 5 / C 1 X / S D O / A N 5 P A 4 / I N T 1 / T C K 1 / A N 4 P A 3 / I N T 0 / C 0 - / A N 3 P A 2 / T C K 0 / C 0 + / A N 2 P A 1 / T P 1 A / A N 1 P A 0 / C 0 X / T P 0 _ 0 / A N 0 P F 1 / [ C 1 X ] P F 0 / [ C 0 X ] P D 3 / [ T C K 1 ] / [ S D O ] P D 4 / [ T P 2 _ 1 ] P D 5 / [ T P 0 _ 1 ] P E 0 P E 1 P E 2 P E 3 P C 6 / [ T P 0 _ 0 ] / S C O M 2 P C 7 / [ T P 1 A ] / S C O M 3 P C 0 / T P 1 B _ 0 / S C O M 0 P C 1 / T P 1 B _ 1 / S C O M 1 H T 6 6 F 4 0 3 2 Q F N - A 1 2 3 4 5 6 7 8 9 1 0 1 1 1 2 1 3 1 4 1 5 1 6 1 7 1 8 1 9 2 0 2 1 2 2 2 3 2 4 2 5 2 6 2 7 2 8 2 9 3 0 3 1 3 2 P A 4 / I N T 1 / T C K 1 / A N 4 P A 3 / I N T 0 / C 0 - / A N 3 P A 2 / T C K 0 / C 0 + / A N 2 P A 1 / T P 1 A / A N 1 P A 0 / C 0 X / T P 0 _ 0 / A N 0 P F 1 / [ C 1 X ] P F 0 / [ C 0 X ] P E 7 / [ I N T 1 ] P D 0 / [ T C K 2 ] / [ S C S ] P D 1 / [ T P 2 _ 0 ] / [ S D O ] / [ S C K / S C L ] P D 2 / [ T C K 0 ] / [ S D I / S D A ] P D 3 / [ T C K 1 ] / [ S D O ] P C 6 / [ T P 0 _ 0 ] / S C O M 2 P C 7 / [ T P 1 A ] / S C O M 3 P C 0 / T P 1 B _ 0 / S C O M 0 P C 1 / T P 1 B _ 1 / S C O M 1 H T 6 6 F 4 0 4 0 Q F N - A 1 2 3 4 5 6 7 8 9 1 0 1 1 1 2 1 3 1 4 1 5 1 6 1 7 1 8 1 9 2 0 2 1 2 2 2 3 2 4 2 5 2 6 2 7 2 8 2 9 3 0 3 1 3 2 3 3 3 4 3 5 3 6 3 7 3 8 3 9 4 0 P B 5 / S C S / V R E F P A 7 / S C K / S C L / A N 7 P A 6 / S D I / S D A / A N 6 P A 5 / C 1 X / S D O / A N 5 P A 4 / I N T 1 / T C K 1 / A N 4 P A 3 / I N T 0 / C 0 - / A N 3 P A 2 / T C K 0 / C 0 + / A N 2 P A 1 / T P 1 A / A N 1 P A 0 / C 0 X / T P 0 _ 0 / A N 0 P F 1 / [ C 1 X ] P D 2 / [ T C K 0 ] / [ S D I / S D A ] P D 3 / [ T C K 1 ] / [ S D O ] P D 4 / [ T P 2 _ 1 ] P D 5 / [ T P 0 _ 1 ] P C 6 / [ T P 0 _ 0 ] / S C O M 2 P C 7 / [ T P 1 A ] / S C O M 3 P C 0 / T P 1 B _ 0 / S C O M 0 P C 1 / T P 1 B _ 1 / S C O M 1 P E 4 / [ T P 1 B _ 2 ] P E 5 P A 1 / T P 1 A / A N 1 P A 2 / T C K 0 / C 0 + / A N 2 P A 3 / I N T 0 / C 0 - / A N 3 P A 4 / I N T 1 / T C K 1 / A N 4 P A 5 / C 1 X / S D O / A N 5 P A 6 / S D I / S D A / A N 6 P A 7 / S C K / S C L / A N 7 P B 5 / S C S / V R E F P B 6 / [ S D O ] P B 7 / [ S D I / S D A ] P D 6 / [ S C K / S C L ] P D 7 / [ S C S ] P C 4 / [ I N T 0 ] / [ P I N T ] / T P 2 _ 1 N C N C N C P C 2 / T C K 2 / P C K / C 1 + P C 3 / P I N T / T P 2 _ 0 / C 1 - P C 5 / [ I N T 1 ] / T P 0 _ 1 / T P 1 B _ 2 / [ P C K ] P D 0 / [ T C K 2 ] / [ S C S ] P D 1 / [ T P 2 _ 0 ] / [ S D O ] / [ S C K / S C L ] P D 2 / [ T C K 0 ] / [ S D I / S D A ] P D 3 / [ T C K 1 ] / [ S D O ] P D 4 / [ T P 2 _ 1 ] 4 8 4 7 4 6 4 5 4 4 4 3 4 2 4 1 4 0 3 9 3 8 3 7 3 6 3 5 3 4 3 3 3 2 3 1 3 0 2 9 2 8 2 7 2 6 2 5 1 2 3 4 5 6 7 8 9 1 0 1 1 1 2 1 3 1 4 1 5 1 6 1 7 1 8 1 9 2 0 2 1 2 2 2 3 2 4 P A 0 / C 0 X / T P 0 _ 0 / A N 0 P F 1 / [ C 1 X ] P F 0 / [ C 0 X ] P E 7 / [ I N T 1 ] P E 6 / [ I N T 0 ] V S S & A V S S P B 4 / X T 2 P B 3 / X T 1 P B 2 / O S C 2 P B 1 / O S C 1 V D D & A V D D P B 0 / R E S P E 5 P E 4 / [ T P 1 B _ 2 ] P C 1 / T P 1 B _ 1 / S C O M 1 P C 0 / T P 1 B _ 0 / S C O M 0 N C P C 7 / [ T P 1 A ] / S C O M 3 P C 6 / [ T P 0 _ 0 ] / S C O M 2 P E 3 P E 2 P E 1 P E 0 P D 5 / [ T P 0 _ 1 ] H T 6 6 F 4 0 4 8 S S O P - A |