| データシートサーチシステム |
|
MPC8308CVMAGDA データシート(PDF) 71 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8308CVMAGDA データシート(HTML) 71 Page - Freescale Semiconductor, Inc |
|
71 / 88 page ![]() MPC8308 PowerQUICC II Pro Processor Hardware Specification, Rev. 0 Freescale Semiconductor 71 Package and Pin Listings GPIO[4]/TSEC2_RX_DV J18 I/O NVDDF — GPIO[5]/TSEC2_RXD3 J20 I/O NVDDF — GPIO[6]/TSEC2_RXD2 H22 I/O NVDDF — GPIO[7]/TSEC2_RXD1 H21 I/O NVDDF — GPIO[8]/TSEC2_RXD0 H20 I/O NVDDF — GPIO[9]/TSEC2_RX_ER J21 I/O NVDDF — GPIO[10]/TSEC2_TX_CLK/TSEC2_GTX_CLK125 J23 I/O NVDDF — GPIO[11]/TSEC2_TXD3 K22 I/O NVDDF — GPIO[12]/TSEC2_TXD2 K20 I/O NVDDF — GPIO[13]/TSEC2_TXD1 K18 I/O NVDDF — GPIO[14]/TSEC2_TXD0 J17 I/O NVDDF — GPIO[15]/TSEC2_TX_EN K21 I/O NVDDF — USB/IEEE1588/GTM USBDR_PWR_FAULT P20 I NVDDH — USBDR_CLK R23 I NVDDH — USBDR_DIR R21 I NVDDH — USBDR_NXT P18 I NVDDH — USBDR_TXDRXD0 T22 I/O NVDDH — USBDR_TXDRXD1 T21 I/O NVDDH — USBDR_TXDRXD2 U23 I/O NVDDH — USBDR_TXDRXD3 U22 I/O NVDDH — USBDR_TXDRXD4 T20 I/O NVDDH — USBDR_TXDRXD5 R18 I/O NVDDH — USBDR_TXDRXD6 V23 I/O NVDDH — USBDR_TXDRXD7 V22 I/O NVDDH — USBDR_PCTL0 R17 O NVDDH — USBDR_PCTL1 U20 O NVDDH — USBDR_STP V21 O NVDDH — TSEC_TMR_CLK/ GPIO[8] W23 I NVDDH — GTM1_TOUT3/ GPIO[9] T18 O NVDDH — GTM1_TOUT4/ GPIO[10] V20 O NVDDH — TSEC_TMR_TRIG1/ GPIO[11] W21 I NVDDH — TSEC_TMR_TRIG2/ GPIO[12] Y21 I NVDDH — TSEC_TMR_GCLK L17 O NVDDG — Table 53. MPC8308 Pinout Listing (continued) Signal Package Pin Number Pin Type Power Supply Notes |