データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

25AA1024 データシート(PDF) 21 Page - Microchip Technology

部品番号 25AA1024
部品情報  1 Mbit SPI Bus Serial EEPROM
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25AA1024 データシート(HTML) 21 Page - Microchip Technology

Back Button 25AA1024 Datasheet HTML 17Page - Microchip Technology 25AA1024 Datasheet HTML 18Page - Microchip Technology 25AA1024 Datasheet HTML 19Page - Microchip Technology 25AA1024 Datasheet HTML 20Page - Microchip Technology 25AA1024 Datasheet HTML 21Page - Microchip Technology 25AA1024 Datasheet HTML 22Page - Microchip Technology 25AA1024 Datasheet HTML 23Page - Microchip Technology 25AA1024 Datasheet HTML 24Page - Microchip Technology 25AA1024 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
 2010 Microchip Technology Inc.
DS21836H-page 21
25AA1024
4.0
PACKAGING INFORMATION
4.1
Package Marking Information
T/XXXNNN
XXXXXXXX
YYWW
8-Lead PDIP
8-Lead SOIJ
T/XXXXXX
XXXXXXXX
YYWWNNN
I/P
1L7
25AA1024
0328
Example:
Example:
I/SM
25AA1024
8-Lead DFN
Example
:
XXXXXXX
T/XXXXX
YYWW
5AA1024
I/MF
0328
1L7
NNN
Legend: XX...X
Part number or part number code
T
Temperature (I)
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code (2 characters for small packages)
Pb-free JEDEC designator for Matte Tin (Sn)
Note:
For very small packages with no room for the Pb-free JEDEC designator
, the marking will only appear on the outer carton or reel label.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
3
e
3
e
3
e
07281L7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34