データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

25LC512-E/P データシート(PDF) 20 Page - Microchip Technology

部品番号 25LC512-E/P
部品情報  512 Kbit SPI Bus Serial EEPROM
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25LC512-E/P データシート(HTML) 20 Page - Microchip Technology

Back Button 25LC512-E/P Datasheet HTML 16Page - Microchip Technology 25LC512-E/P Datasheet HTML 17Page - Microchip Technology 25LC512-E/P Datasheet HTML 18Page - Microchip Technology 25LC512-E/P Datasheet HTML 19Page - Microchip Technology 25LC512-E/P Datasheet HTML 20Page - Microchip Technology 25LC512-E/P Datasheet HTML 21Page - Microchip Technology 25LC512-E/P Datasheet HTML 22Page - Microchip Technology 25LC512-E/P Datasheet HTML 23Page - Microchip Technology 25LC512-E/P Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
25LC512
DS22065C-page 20
 2010 Microchip Technology Inc.
4.0
PACKAGING INFORMATION
4.1
Package Marking Information
T/XXXNNN
XXXXXXXX
YYWW
8-Lead PDIP
8-Lead SOIC
XXXXYYWW
XXXXXXXT
NNN
I/P
1L7
25LC512
0728
Example:
Example:
SN
0728
25LC512I
1L7
8-Lead DFN
Example
:
XXXXXXX
T/XXXXX
YYWW
25LC512
I/MF
0728
1L7
NNN
Legend: XX...X
Part number or part number code
T
Temperature (I, E)
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code (2 characters for small packages)
Pb-free JEDEC designator for Matte Tin (Sn)
Note:
For very small packages with no room for the Pb-free JEDEC designator
, the marking will only appear on the outer carton or reel label.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
3
e
3
e
8-Lead SOIJ
T/XXXXXX
XXXXXXXX
YYWWNNN
Example:
I/SM
25LC512
3
e
3
e
07281L7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36