データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AR1020-I/ML データシート(PDF) 29 Page - Microchip Technology

部品番号 AR1020-I/ML
部品情報  Resistive Touch Screen Controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AR1020-I/ML データシート(HTML) 29 Page - Microchip Technology

Back Button AR1020-I/ML Datasheet HTML 25Page - Microchip Technology AR1020-I/ML Datasheet HTML 26Page - Microchip Technology AR1020-I/ML Datasheet HTML 27Page - Microchip Technology AR1020-I/ML Datasheet HTML 28Page - Microchip Technology AR1020-I/ML Datasheet HTML 29Page - Microchip Technology AR1020-I/ML Datasheet HTML 30Page - Microchip Technology AR1020-I/ML Datasheet HTML 31Page - Microchip Technology AR1020-I/ML Datasheet HTML 32Page - Microchip Technology AR1020-I/ML Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 37 page
background image
© 2009 Microchip Technology, Inc.
DS41393A-Page 25
8
BASICS OF RESISTIVE SENSORS
8.1
Terminology
ITO (Indium Tin Oxide) is the resistive coating that makes up the active area of the touch sensor. ITO is a
transparent semiconductor that is sputtered onto the touch sensor layers.
Flex or Film or Topsheet is the top sensor layer that a user touches. Flex refers to the fact that the top layer
physically flexes from the pressure of a touch.
Stable or Glass is the bottom sensor layer that interfaces against the display.
Spacer Adhesive is a frame of adhesive that connects the Flex and Stable layers together around the perimeter.
Spacer Dots maintain physical and electrical separation between the Flex and Stable layers. The dots are
typically printed onto the Stable layer.
Bus Bars or Silver Frit electrically connect to the ITO on the Flex and Stable layers to the sensor’s interface tail.
Bus bars are typically screen printed silver ink. They are usually much lower in resistivity than the ITO.
X-Axis is the left and right direction on the touch sensor.
Y-Axis is the top and bottom direction on the touch sensor.
Drive Lines supply a voltage gradient across the sensor.
8.2
General
Resistive 4, 5, and 8-wire touch sensors consist of two facing conductive layers, held in physical separation from
each other. The force of a touch causes the top layer to move and make electrical contact with the bottom layer.
Touch position measurements are typically made by applying a linear voltage gradient across a layer or axis of
the touch sensor. The touch position voltage for the axis can be measured using the opposing layer.
A comparison of typical sensor constructions is shown below.
Sensor
Comments
4 Wire
Less expensive than 5-wire or 8-wire
Lower power than 5-wire
More linear (without correction) than 5-wire
Touch inaccuracies occur from flex layer damage or resistance changes
5 Wire
Maintains touch accuracy with flex layer damage
Inherent non-linearity often requires touch data correction
Touch inaccuracies occur from resistance changes
8 Wire
More expensive than 4 wire
Lower power than 5 wire
More linear (without correction) than 5-wire
Touch inaccuracies occur from flex layer damaged
Maintains touch accuracy with resistance changes
Table 10 : Sensor Comparison



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37