| データシートサーチシステム |
|
MCP4331T-103E/ST データシート(PDF) 2 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP4331T-103E/ST データシート(HTML) 2 Page - Microchip Technology |
|
2 / 88 page ![]() MCP433X/435X DS22242A-page 2 2010 Microchip Technology Inc. Device Block Diagram Device Features Device Wiper Configuration Resistance (typical) VDD Operating Range (2) RAB Options (k) Wiper - RW ( ) MCP4331 4 Potentiometer (1) SPI RAM No Mid-Scale 5.0, 10.0, 50.0, 100.0 75 129 1.8V to 5.5V MCP4332 4 Rheostat SPI RAM No Mid-Scale 5.0, 10.0, 50.0, 100.0 75 129 1.8V to 5.5V MCP4341 4 Potentiometer (1) SPI EE Yes NV Wiper 5.0, 10.0, 50.0, 100.0 75 129 2.7V to 5.5V MCP4342 4 Rheostat SPI EE Yes NV Wiper 5.0, 10.0, 50.0, 100.0 75 129 2.7V to 5.5V MCP4351 4 Potentiometer (1) SPI RAM No Mid-Scale 5.0, 10.0, 50.0, 100.0 75 257 1.8V to 5.5V MCP4352 4 Rheostat SPI RAM No Mid-Scale 5.0, 10.0, 50.0, 100.0 75 257 1.8V to 5.5V MCP4361 4 Potentiometer (1) SPI EE Yes NV Wiper 5.0, 10.0, 50.0, 100.0 75 257 2.7V to 5.5V MCP4362 4 Rheostat SPI EE Yes NV Wiper 5.0, 10.0, 50.0, 100.0 75 257 2.7V to 5.5V Note 1: Floating either terminal (A or B) allows the device to be used as a Rheostat (variable resistor). 2: Analog characteristics only tested from 2.7V to 5.5V unless otherwise noted. Power-up/ Brown-out Control VDD VSS SPI Serial Interface Module and Control Logic Resistor Network 0 (Pot 0) Wiper 0 and TCON0 Register Resistor Network 1 (Pot 1) Wiper 1 and TCON0 Register CS SCK SDI SDO RESET Memory (16x9) Wiper0 (V) Wiper1 (V) TCON0 P0A P0W P0B P1A P1W P1B Resistor Network 2 (Pot 2) Wiper 2 and TCON1 Register P2A P2W P2B Resistor Network 3 (Pot 3) Wiper 3 and TCON1 Register P3A P3W P3B Wiper2 (V) Wiper3 (V) TCON1 |