| データシートサーチシステム |
|
MCP73113 データシート(PDF) 25 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP73113 データシート(HTML) 25 Page - Microchip Technology |
|
25 / 34 page ![]() © 2010 Microchip Technology Inc. DS22183C-page 25 MCP73113/4 7.0 PACKAGING INFORMATION 7.1 Package Marking Information XXXX 10-Lead DFN (3x3) YYWW NNN Example: 93HI 0929 256 Standard * Part Number Code MCP73113-06SI/MF 93HI MCP73113-16SI/MF 83HI MCP73114-0NSI/MF 9MHI Legend: XX...X Customer-specific information Y Year code (last digit of calendar year) YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code Pb-free JEDEC designator for Matte Tin (Sn) * This package is Pb-free. The Pb-free JEDEC designator ( ) can be found on the outer packaging for this package. Note: In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line, thus limiting the number of available characters for customer-specific information. 3 e 3 e |