| データシートサーチシステム |
|
MCP4802T-E/P データシート(PDF) 5 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP4802T-E/P データシート(HTML) 5 Page - Microchip Technology |
|
5 / 46 page ![]() 2010 Microchip Technology Inc. DS22249A-page 5 MCP4802/4812/4822 ELECTRICAL CHARACTERISTIC WITH EXTENDED TEMPERATURE Electrical Specifications: Unless otherwise indicated, VDD = 5V, VSS = 0V, VREF = 2.048V, Output Buffer Gain (G) = 2x, RL = 5 k to GND, CL = 100 pF. Typical values are at +125°C by characterization or simulation. Parameters Sym Min Typ Max Units Conditions Power Requirements Input Voltage VDD 2.7 — 5.5 V Input Current Input Curren IDD — 440 — µA All digital inputs are grounded, all analog outputs (VOUT) are unloaded. Code = 0x000h. Software Shutdown Current ISHDN_SW —5 — µA Power-On Reset threshold VPOR —1.85 — V DC Accuracy MCP4802 Resolution n 8 — — Bits INL Error INL — ±0.25 — LSb DNL DNL — ±0.2 — LSb Note 1 MCP4812 Resolution n 10 — — Bits INL Error INL — ±1 — LSb DNL DNL — ±0.2 — LSb Note 1 MCP4822 Resolution n 12 — — Bits INL Error INL — ±4 — LSb DNL DNL — ±0.25 — LSb Note 1 Offset Error VOS — ±0.02 — % of FSR Code = 0x000h Offset Error Temperature Coefficient VOS/°C — -5 — ppm/°C +25°C to +125°C Gain Error gE — -0.10 — % of FSR Code = 0xFFFh, not including offset error Gain Error Temperature Coefficient G/°C — -3 — ppm/°C Internal Voltage Reference (VREF) Internal Reference Voltage VREF — 2.048 — V VOUTA when G = 1x and Code = 0xFFFh Temperature Coefficient (Note 2) VREF/°C — 125 — ppm/°C -40°C to 0°C — 0.25 — LSb/°C -40°C to 0°C — 45 — ppm/°C 0°C to +85°C — 0.09 — LSb/°C 0°C to +85°C Output Noise (VREF Noise) ENREF (0.1 – 10 Hz) — 290 — µVp-p Code = 0xFFFh, G = 1x Output Noise Density eNREF (1 kHz) —1.2 — µV/Hz Code = 0xFFFh, G = 1x eNREF (10 kHz) —1.0 — µV/Hz Code = 0xFFFh, G = 1x 1/f Corner Frequency fCORNER — 400 — Hz Note 1: Guaranteed monotonic by design over all codes. 2: This parameter is ensured by design, and not 100% tested. |