| データシートサーチシステム |
|
MCP4802T-E/SN データシート(PDF) 35 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP4802T-E/SN データシート(HTML) 35 Page - Microchip Technology |
|
35 / 46 page ![]() 2010 Microchip Technology Inc. DS22249A-page 35 MCP4802/4812/4822 8.0 PACKAGING INFORMATION 8.1 Package Marking Information XXXXXXXX XXXXXNNN YYWW 8-Lead PDIP (300 mil) Example: 8-Lead SOIC (150 mil) Example: XXXXXXXX XXXXYYWW NNN MCP4802 E/P ^ 256 1009 MCP4812E SN^^ 1009 256 8-Lead MSOP Example: XXXXXX YWWNNN 4822E 009256 Legend: XX...X Customer-specific information Y Year code (last digit of calendar year) YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code Pb-free JEDEC designator for Matte Tin (Sn) * This package is Pb-free. The Pb-free JEDEC designator ( ) can be found on the outer packaging for this package. Note: In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line, thus limiting the number of available characters for customer-specific information. 3 e 3 e 3 e 3 e |