| データシートサーチシステム |
|
PIC12F1822-I/ML データシート(PDF) 39 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC12F1822-I/ML データシート(HTML) 39 Page - Microchip Technology |
|
39 / 398 page ![]() 2010 Microchip Technology Inc. Preliminary DS41413A-page 39 PIC12F/LF1822/16F/LF1823 Bank 8 400h(1) INDF0 Addressing this location uses contents of FSR0H/FSR0L to address data memory (not a physical register) xxxx xxxx xxxx xxxx 401h(1) INDF1 Addressing this location uses contents of FSR1H/FSR1L to address data memory (not a physical register) xxxx xxxx xxxx xxxx 402h(1) PCL Program Counter (PC) Least Significant Byte 0000 0000 0000 0000 403h(1) STATUS — — —TO PD ZDC C ---1 1000 ---q quuu 404h(1) FSR0L Indirect Data Memory Address 0 Low Pointer 0000 0000 uuuu uuuu 405h(1) FSR0H Indirect Data Memory Address 0 High Pointer 0000 0000 0000 0000 406h(1) FSR1L Indirect Data Memory Address 1 Low Pointer 0000 0000 uuuu uuuu 407h(1) FSR1H Indirect Data Memory Address 1 High Pointer 0000 0000 0000 0000 408h(1) BSR — — — BSR<4:0> ---0 0000 ---0 0000 409h(1) WREG Working Register 0000 0000 uuuu uuuu 40Ah(1) PCLATH — Write Buffer for the upper 7 bits of the Program Counter -000 0000 -000 0000 40Bh(1) INTCON GIE PEIE TMR0IE INTE IOCIE TMR0IF INTF IOCIF 0000 000x 0000 000u 40Ch — Unimplemented — — 40Dh — Unimplemented — — 40Eh — Unimplemented — — 40Fh — Unimplemented — — 410h — Unimplemented — — 411h — Unimplemented — — 412h — Unimplemented — — 413h — Unimplemented — — 414h — Unimplemented — — 415h — Unimplemented — — 416h — Unimplemented — — 417h — Unimplemented — — 418h — Unimplemented — — 419h — Unimplemented — — 41Ah — Unimplemented — — 41Bh — Unimplemented — — 41Ch — Unimplemented — — 41Dh — Unimplemented — — 41Eh — Unimplemented — — 41Fh — Unimplemented — — TABLE 3-8: SPECIAL FUNCTION REGISTER SUMMARY (CONTINUED) Address Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Value on: POR, BOR Value on all other resets Legend: x = unknown, u = unchanged, q = value depends on condition, - = unimplemented, r = reserved. Shaded locations are unimplemented, read as ‘0’. Note 1: These registers can be addressed from any bank. 2: PIC16F/LF1823 only. |