| データシートサーチシステム |
|
PIC16F526-E/ST データシート(PDF) 54 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F526-E/ST データシート(HTML) 54 Page - Microchip Technology |
|
54 / 122 page ![]() PIC16F526 DS41326D-page 54 2010 Microchip Technology Inc. FIGURE 8-11: WATCHDOG TIMER BLOCK DIAGRAM TABLE 8-6: SUMMARY OF REGISTERS ASSOCIATED WITH THE WATCHDOG TIMER Address Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Value on Power-On Reset Value on All Other Resets N/A OPTION RBWU RBPU T0CS T0SE PSA PS2 PS1 PS0 1111 1111 1111 1111 Legend: Shaded boxes = Not used by Watchdog Timer. (Figure 7-1) Postscaler Note 1: PSA, PS<2:0> are bits in the OPTION register. WDT Time-out Watchdog Time From Timer0 Clock Source WDT Enable Configuration Bit PSA Postscaler 8-to-1 MUX PS<2:0>(1) (Figure 7-4) To Timer0 0 1 M U X 1 0 PSA(1) MUX |