| データシートサーチシステム |
|
PIC12F1822-E/ST データシート(PDF) 301 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC12F1822-E/ST データシート(HTML) 301 Page - Microchip Technology |
|
301 / 398 page ![]() 2010 Microchip Technology Inc. Preliminary DS41413A-page 301 PIC12F/LF1822/16F/LF1823 FIGURE 25-10: SYNCHRONOUS TRANSMISSION FIGURE 25-11: SYNCHRONOUS TRANSMISSION (THROUGH TXEN) TABLE 25-7: SUMMARY OF REGISTERS ASSOCIATED WITH SYNCHRONOUS MASTER TRANSMISSION Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Register on Page BAUDCON ABDOVF RCIDL — SCKP BRG16 — WUE ABDEN 290 INTCON GIE PEIE TMR0IE INTE IOCIE TMR0IF INTF IOCIF 89 PIE1 TMR1GIE ADIE RCIE TXIE SSP1IE CCP1IE TMR2IE TMR1IE 90 PIR1 TMR1GIF ADIF RCIF TXIF SSP1IF CCP1IF TMR2IF TMR1IF 92 RCSTA SPEN RX9 SREN CREN ADDEN FERR OERR RX9D 289 SPBRGL BRG7 BRG6 BRG5 BRG4 BRG3 BRG2 BRG1 BRG0 291* SPBRGH BRG15 BRG14 BRG13 BRG12 BRG11 BRG10 BRG9 BRG8 291* TRISC(1) — — TRISC5 TRISC4 TRISC3 TRISC2 TRISC1 TRISC0 125 TXREG EUSART Transmit Data Register 281* TXSTA CSRC TX9 TXEN SYNC SENDB BRGH TRMT TX9D 288 Legend: — = unimplemented location, read as ‘0’. Shaded cells are not used for Synchronous Master Transmission. * Page provides register information. Note 1: PIC16F/LF1823 only. bit 0 bit 1 bit 7 Word 1 bit 2 bit 0 bit 1 bit 7 RX/DT Write to TXREG Reg TXIF bit (Interrupt Flag) TXEN bit ‘1’ ‘1’ Word 2 TRMT bit Write Word 1 Write Word 2 Note: Sync Master mode, SPBRGL = 0, continuous transmission of two 8-bit words. pin TX/CK pin TX/CK pin (SCKP = 0) (SCKP = 1) RX/DT pin TX/CK pin Write to TXREG reg TXIF bit TRMT bit bit 0 bit 1 bit 2 bit 6 bit 7 TXEN bit |