データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PIC12F1822-E/ST データシート(PDF) 303 Page - Microchip Technology

部品番号 PIC12F1822-E/ST
部品情報  8/14-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F1822-E/ST データシート(HTML) 303 Page - Microchip Technology

Back Button PIC12F1822-E/ST Datasheet HTML 299Page - Microchip Technology PIC12F1822-E/ST Datasheet HTML 300Page - Microchip Technology PIC12F1822-E/ST Datasheet HTML 301Page - Microchip Technology PIC12F1822-E/ST Datasheet HTML 302Page - Microchip Technology PIC12F1822-E/ST Datasheet HTML 303Page - Microchip Technology PIC12F1822-E/ST Datasheet HTML 304Page - Microchip Technology PIC12F1822-E/ST Datasheet HTML 305Page - Microchip Technology PIC12F1822-E/ST Datasheet HTML 306Page - Microchip Technology PIC12F1822-E/ST Datasheet HTML 307Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 303 / 398 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS41413A-page 303
PIC12F/LF1822/16F/LF1823
FIGURE 25-12:
SYNCHRONOUS RECEPTION (MASTER MODE, SREN)
TABLE 25-8:
SUMMARY OF REGISTERS ASSOCIATED WITH SYNCHRONOUS MASTER
RECEPTION
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register
on Page
BAUDCON
ABDOVF
RCIDL
—
SCKP
BRG16
—
WUE
ABDEN
290
INTCON
GIE
PEIE
TMR0IE
INTE
IOCIE
TMR0IF
INTF
IOCIF
89
PIE1
TMR1GIE
ADIE
RCIE
TXIE
SSP1IE
CCP1IE
TMR2IE
TMR1IE
90
PIR1
TMR1GIF
ADIF
RCIF
TXIF
SSP1IF
CCP1IF
TMR2IF
TMR1IF
92
RCREG
EUSART Receive Data Register
284*
RCSTA
SPEN
RX9
SREN
CREN
ADDEN
FERR
OERR
RX9D
289
SPBRGL
BRG7
BRG6
BRG5
BRG4
BRG3
BRG2
BRG1
BRG0
291*
SPBRGH
BRG15
BRG14
BRG13
BRG12
BRG11
BRG10
BRG9
BRG8
291*
TRISC(1)
—
—
TRISC5
TRISC4
TRISC3
TRISC2
TRISC1
TRISC0
125
TXSTA
CSRC
TX9
TXEN
SYNC
SENDB
BRGH
TRMT
TX9D
288
Legend: — = unimplemented location, read as ‘0’. Shaded cells are not used for Synchronous Master Reception.
* Page provides register information.
Note 1:
PIC16F/LF1823 only.
CREN bit
RX/DT
Write to
bit SREN
SREN bit
RCIF bit
(Interrupt)
Read
RCREG
‘0’
bit 0
bit 1
bit 2
bit 3
bit 4
bit 5
bit 6
bit 7
‘0’
Note:
Timing diagram demonstrates Sync Master mode with bit SREN = 1 and bit BRGH = 0.
TX/CK pin
TX/CK pin
pin
(SCKP = 0)
(SCKP = 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More