| データシートサーチシステム |
|
PIC16F676-E/P データシート(PDF) 8 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F676-E/P データシート(HTML) 8 Page - Microchip Technology |
|
8 / 132 page ![]() PIC16F630/676 DS40039F-page 8 2010 Microchip Technology Inc. TABLE 1-1: PIC16F630/676 PINOUT DESCRIPTION Name Function Input Type Output Type Description RA0/AN0/CIN+/ICSPDAT RA0 TTL CMOS Bidirectional I/O w/ programmable pull-up and interrupt-on-change. AN0 AN — A/D Channel 0 input. CIN+ AN Comparator input. ICSPDAT TTL CMOS Serial Programming Data I/O. RA1/AN1/CIN-/VREF/ ICSPCLK RA1 TTL CMOS Bidirectional I/O w/ programmable pull-up and interrupt-on-change. AN1 AN — A/D Channel 1 input. CIN- AN — Comparator input. VREF AN — External Voltage reference. ICSPCLK ST — Serial Programming Clock. RA2/AN2/COUT/T0CKI/INT RA2 ST CMOS Bidirectional I/O w/ programmable pull-up and interrupt-on-change. AN2 AN — A/D Channel 2 input. COUT — CMOS Comparator output. T0CKI ST — Timer0 clock input. INT ST — External Interrupt. RA3/MCLR/VPP RA3 TTL — Input port with interrupt-on-change. MCLR ST — Master Clear. VPP HV — Programming voltage. RA4/T1G/AN3/OSC2/ CLKOUT RA4 TTL CMOS Bidirectional I/O w/ programmable pull-up and interrupt-on-change. T1G ST — Timer1 gate. AN3 AN3 — A/D Channel 3 input. OSC2 — XTAL Crystal/Resonator. CLKOUT — CMOS FOSC/4 output. RA5/T1CKI/OSC1/CLKIN RA5 TTL CMOS Bidirectional I/O w/ programmable pull-up and interrupt-on-change. T1CKI ST — Timer1 clock. OSC1 XTAL — Crystal/Resonator. CLKIN ST — External clock input/RC oscillator connection. RC0/AN4 RC0 TTL CMOS Bidirectional I/O. AN4 AN4 — A/D Channel 4 input. RC1/AN5 RC1 TTL CMOS Bidirectional I/O. AN5 AN5 — A/D Channel 5 input. RC2/AN6 RC2 TTL CMOS Bidirectional I/O. AN6 AN6 — A/D Channel 6 input. RC3/AN7 RC3 TTL CMOS Bidirectional I/O. AN7 AN7 — A/D Channel 7 input. RC4 RC4 TTL CMOS Bidirectional I/O. RC5 RC5 TTL CMOS Bidirectional I/O. VSS VSS Power — Ground reference. VDD VDD Power — Positive supply. Legend: Shade = PIC16F676 only TTL = TTL input buffer ST = Schmitt Trigger input buffer |