| データシートサーチシステム |
|
12F629 データシート(PDF) 8 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
12F629 データシート(HTML) 8 Page - Microchip Technology |
|
8 / 136 page ![]() PIC12F629/675 DS41190G-page 8 2010 Microchip Technology Inc. TABLE 1-1: PIC12F629/675 PINOUT DESCRIPTION Name Function Input Type Output Type Description GP0/AN0/CIN+/ICSPDAT GP0 TTL CMOS Bidirectional I/O w/ programmable pull-up and interrupt-on-change AN0 AN A/D Channel 0 input CIN+ AN Comparator input ICSPDAT TTL CMOS Serial programming I/O GP1/AN1/CIN-/VREF/ ICSPCLK GP1 TTL CMOS Bidirectional I/O w/ programmable pull-up and interrupt-on-change AN1 AN A/D Channel 1 input CIN- AN Comparator input VREF AN External voltage reference ICSPCLK ST Serial programming clock GP2/AN2/T0CKI/INT/COUT GP2 ST CMOS Bidirectional I/O w/ programmable pull-up and interrupt-on-change AN2 AN A/D Channel 2 input T0CKI ST TMR0 clock input INT ST External interrupt COUT CMOS Comparator output GP3/MCLR/VPP GP3 TTL Input port w/ interrupt-on-change MCLR ST Master Clear VPP HV Programming voltage GP4/AN3/T1G/OSC2/ CLKOUT GP4 TTL CMOS Bidirectional I/O w/ programmable pull-up and interrupt-on-change AN3 AN A/D Channel 3 input T1G ST TMR1 gate OSC2 XTAL Crystal/resonator CLKOUT CMOS FOSC/4 output GP5/T1CKI/OSC1/CLKIN GP5 TTL CMOS Bidirectional I/O w/ programmable pull-up and interrupt-on-change T1CKI ST TMR1 clock OSC1 XTAL Crystal/resonator CLKIN ST External clock input/RC oscillator connection VSS VSS Power Ground reference VDD VDD Power Positive supply Legend: Shade = PIC12F675 only TTL = TTL input buffer, ST = Schmitt Trigger input buffer |