| データシートサーチシステム |
|
PIC16F676-E/ST データシート(PDF) 95 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F676-E/ST データシート(HTML) 95 Page - Microchip Technology |
|
95 / 132 page ![]() 2010 Microchip Technology Inc. DS40039F-page 95 PIC16F630/676 12.8 TIMING PARAMETER SYMBOLOGY The timing parameter symbols have been created with one of the following formats: FIGURE 12-4: LOAD CONDITIONS 1. TppS2ppS 2. TppS T F Frequency T Time Lowercase letters (pp) and their meanings: pp cc CCP1 osc OSC1 ck CLKOUT rd RD cs CS rw RD or WR di SDI sc SCK do SDO ss SS dt Data in t0 T0CKI io I/O port t1 T1CKI mc MCLR wr WR Uppercase letters and their meanings: S FFall P Period HHigh R Rise I Invalid (High-impedance) V Valid L Low Z High-impedance VDD/2 CL RL Pin Pin VSS VSS CL RL =464 CL = 50 pF for all pins 15 pF for OSC2 output Load Condition 1 Load Condition 2 Legend: |