データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

24FC64-E/MC データシート(PDF) 10 Page - Microchip Technology

部品番号 24FC64-E/MC
部品情報  64K I2C??Serial EEPROM
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24FC64-E/MC データシート(HTML) 10 Page - Microchip Technology

Back Button 24FC64-E/MC Datasheet HTML 6Page - Microchip Technology 24FC64-E/MC Datasheet HTML 7Page - Microchip Technology 24FC64-E/MC Datasheet HTML 8Page - Microchip Technology 24FC64-E/MC Datasheet HTML 9Page - Microchip Technology 24FC64-E/MC Datasheet HTML 10Page - Microchip Technology 24FC64-E/MC Datasheet HTML 11Page - Microchip Technology 24FC64-E/MC Datasheet HTML 12Page - Microchip Technology 24FC64-E/MC Datasheet HTML 13Page - Microchip Technology 24FC64-E/MC Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
24AA64/24LC64/24FC64
DS21189R-page 10
 2010 Microchip Technology Inc.
7.0
ACKNOWLEDGE POLLING
Since the device will not acknowledge during a write
cycle, this can be used to determine when the cycle is
complete (this feature can be used to maximize bus
throughput). Once the Stop condition for a Write
command has been issued from the master, the device
initiates the internally-timed write cycle and ACK polling
can then be initiated immediately. This involves the
master sending a Start condition followed by the control
byte for a Write command (R/W = 0). If the device is still
busy with the write cycle, then no ACK will be returned.
If no ACK is returned, the Start bit and control byte must
be re-sent. If the cycle is complete, the device will
return the ACK and the master can then proceed with
the next Read or Write command. See Figure 7-1 for a
flow diagram of this operation.
FIGURE 7-1:
ACKNOWLEDGE POLLING
FLOW
Send
Write Command
Send Stop
Condition to
Initiate Write Cycle
Send Start
Send Control Byte
with R/W = 0
Did Device
Acknowledge
(ACK = 0)?
Next
Operation
No
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40