| データシートサーチシステム |
|
PIC18F23K20 データシート(PDF) 18 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F23K20 データシート(HTML) 18 Page - Microchip Technology |
|
18 / 456 page ![]() PIC18F2XK20/4XK20 DS41303G-page 18 2010 Microchip Technology Inc. PORTB is a bidirectional I/O port. PORTB can be software programmed for internal weak pull-up on each input. RB0/INT0/FLT0/AN12 RB0 INT0 FLT0 AN12 21 18 I/O I I I TTL ST ST Analog Digital I/O External interrupt 0 PWM Fault input for CCP1 Analog input 12, ADC channel 12 RB1/INT1/AN10/C12IN3- /P1C RB1 INT1 AN10 C12IN3- P1C 22 19 I/O I I I O TTL ST Analog Analog CMOS Digital I/O External interrupt 1 Analog input 10, ADC channel 10 Comparators C1 and C2 inverting input Enhanced CCP1 PWM output RB2/INT2/AN8/P1B RB2 INT2 AN8 P1B 23 20 I/O I I O TTL ST Analog CMOS Digital I/O External interrupt 2 Analog input 8, ADC channel 8 Enhanced CCP1 PWM output RB3/AN9/C12IN2-/CCP2 RB3 AN9 C12IN2- CCP2(2) 24 21 I/O I I I/O TTL Analog Analog ST Digital I/O Analog input 9, ADC channel 9 Comparators C1 and C2 inverting input Capture 2 input/Compare 2 output/PWM 2 output RB4/KBI0/AN11/P1D RB4 KBI0 AN11 P1D 25 22 I/O I I O TTL TTL Analog CMOS Digital I/O Interrupt-on-change pin Analog input 11, ADC channel 11 Enhanced CCP1 PWM output RB5/KBI1/PGM RB5 KBI1 PGM 26 23 I/O I I/O TTL TTL ST Digital I/O Interrupt-on-change pin Low-Voltage ICSP™ Programming enable pin RB6/KBI2/PGC RB6 KBI2 PGC 27 24 I/O I I/O TTL TTL ST Digital I/O Interrupt-on-change pin In-Circuit Debugger and ICSP™ programming clock pin RB7/KBI3/PGD RB7 KBI3 PGD 28 25 I/O I I/O TTL TTL ST Digital I/O Interrupt-on-change pin In-Circuit Debugger and ICSP™ programming data pin TABLE 1-2: PIC18F2XK20 PINOUT I/O DESCRIPTIONS (CONTINUED) Pin Name Pin Number Pin Type Buffer Type Description PDIP, SOIC QFN Legend: TTL = TTL compatible input CMOS = CMOS compatible input or output ST = Schmitt Trigger input with CMOS levels I = Input O = Output P = Power Note 1: Default assignment for CCP2 when Configuration bit CCP2MX is set. 2: Alternate assignment for CCP2 when Configuration bit CCP2MX is cleared. |