| データシートサーチシステム |
|
PIC16F722AT-E/SS データシート(PDF) 70 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F722AT-E/SS データシート(HTML) 70 Page - Microchip Technology |
|
70 / 284 page ![]() PIC16F/LF722A/723A DS41417A-page 70 2010 Microchip Technology Inc. FIGURE 6-15: BLOCK DIAGRAM OF RC2 FIGURE 6-16: BLOCK DIAGRAM OF RC3 0 1 I/O Pin VDD VSS D Q CK Q D Q CK Q RD WR WR RD Data Bus PORTC TRISC TRISC PORTC To CCP1 Input CCP1OUT CCP1OUT Enable I/O Pin VDD VSS D Q CK Q D Q CK Q RD WR WR RD Data Bus PORTC TRISC TRISC PORTC To SSP SPI 0 1 SSPEN SSPM = I2C™ Mode SCL SSPEN 0 1 SCK_MASTER SSPM = SPI Mode TO SSP I2C™ CLOCK Input SCL Input 0 1 1 0 (2) I2C ™(1) Note 1: I2C ™ Schmitt Trigger has special input levels. 2: I2C ™ Slew Rate limiting controlled by SMP bit of SSPSTAT register. |