| データシートサーチシステム |
|
PIC16F722AT-E/SS データシート(PDF) 148 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F722AT-E/SS データシート(HTML) 148 Page - Microchip Technology |
|
148 / 284 page ![]() PIC16F/LF722A/723A DS41417A-page 148 2010 Microchip Technology Inc. FIGURE 16-6: SYNCHRONOUS TRANSMISSION FIGURE 16-7: SYNCHRONOUS TRANSMISSION (THROUGH TXEN) TABLE 16-6: REGISTERS ASSOCIATED WITH SYNCHRONOUS MASTER TRANSMISSION Name Bit 7 Bit 6Bit 5Bit 4Bit 3Bit 2Bit 1Bit 0 Value on POR, BOR Value on all other Resets INTCON GIE PEIE T0IE INTE RBIE T0IF INTF RBIF 0000 000x 0000 000x PIE1 TMR1GIE ADIE RCIE TXIE SSPIE CCP1IE TMR2IE TMR1IE 0000 0000 0000 0000 PIR1 TMR1GIF ADIF RCIF TXIF SSPIF CCP1IF TMR2IF TMR1IF 0000 0000 0000 0000 RCSTA SPEN RX9 SREN CREN ADDEN FERR OERR RX9D 0000 000x 0000 000x SPBRG BRG7 BRG6 BRG5 BRG4 BRG3 BRG2 BRG1 BRG0 0000 0000 0000 0000 TRISC TRISC7 TRISC6 TRISC5 TRISC4 TRISC3 TRISC2 TRISC1 TRISC0 1111 1111 1111 1111 TXREG AUSART Transmit Data Register 0000 0000 0000 0000 TXSTA CSRC TX9 TXEN SYNC — BRGH TRMT TX9D 0000 -010 0000 -010 Legend: x = unknown, - = unimplemented read as ‘0’. Shaded cells are not used for Synchronous Master Transmission. bit 0 bit 1 bit 7 Word 1 bit 2 bit 0 bit 1 bit 7 RX/DT Write to TXREG Reg TXIF bit (Interrupt Flag) TXEN bit ‘1’ ‘1’ Word 2 TRMT bit Write Word 1 Write Word 2 Note: Synchronous Master mode, SPBRG = 0, continuous transmission of two 8-bit words. pin TX/CK pin RX/DT pin TX/CK pin Write to TXREG Reg TXIF bit TRMT bit bit 0 bit 1 bit 2 bit 6 bit 7 TXEN bit |