| データシートサーチシステム |
|
PIC24F16KA102 データシート(PDF) 75 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC24F16KA102 データシート(HTML) 75 Page - Microchip Technology |
|
75 / 254 page ![]() © 2009 Microchip Technology Inc. Preliminary DS39927B-page 73 PIC24F16KA102 FAMILY REGISTER 8-7: IFS3: INTERRUPT FLAG STATUS REGISTER 3 U-0 R/W-0, HS U-0 U-0 U-0 U-0 U-0 U-0 —RTCIF — — — — — — bit 15 bit 8 U-0 U-0 U-0 U-0 U-0 U-0 U-0 U-0 — — — — — — — — bit 7 bit 0 Legend: HS = Hardware Settable bit R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ -n = Value at POR ‘1’ = Bit is set ‘0’ = Bit is cleared x = Bit is unknown bit 15 Unimplemented: Read as ‘0’ bit 14 RTCIF: Real-Time Clock and Calendar Interrupt Flag Status bit 1 = Interrupt request has occurred 0 = Interrupt request has not occurred bit 13-0 Unimplemented: Read as ‘0’ |