| データシートサーチシステム |
|
RE46C165SW データシート(PDF) 19 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
RE46C165SW データシート(HTML) 19 Page - Microchip Technology |
|
19 / 30 page ![]() 2010 Microchip Technology Inc. DS22251A-page 19 RE46C165/6/7/8 4.0 PACKAGING INFORMATION 4.1 Package Marking Information 16-Lead PDIP Example Legend: XX...X Customer-specific information Y Year code (last digit of calendar year) YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code Pb-free JEDEC designator for Matte Tin (Sn) * This package is Pb-free. The Pb-free JEDEC designator ( ) can be found on the outer packaging for this package. Note : In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line, thus limiting the number of available characters for customer-specific information. 3 e 3 e 1007256 RE46C165-V/P^^ 16-Lead SOIC (150 mil.) Example 1007256 RE46C165 3 e 3 e XXXXXXXXXXXXXX XXXXXXXXXXXXXX YYWWNNN XXXXXXXXXXXXX XXXXXXXXXXXXX YYWWNNN 16-Lead SOIC (300 mil.) Example 1007256 RE46C165 3 e XXXXXXXXXXX XXXXXXXXXXX YYWWNNN XXXXXXXXXXX V/SL V/SO |