| データシートサーチシステム |
|
PIC24F16KA102-I/ML データシート(PDF) 17 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC24F16KA102-I/ML データシート(HTML) 17 Page - Microchip Technology |
|
17 / 254 page ![]() © 2009 Microchip Technology Inc. Preliminary DS39927B-page 15 PIC24F16KA102 FAMILY 2.0 GUIDELINES FOR GETTING STARTED WITH 16-BIT MICROCONTROLLERS 2.1 Basic Connection Requirements Getting started with the PIC24F16KA102 family of 16-bit microcontrollers requires attention to a minimal set of device pin connections before proceeding with development. The following pins must always be connected: •All VDD and VSS pins (see Section 2.2 “Power Supply Pins”) •All AVDD and AVSS pins, regardless of whether or not the analog device features are used (see Section 2.2 “Power Supply Pins”) •MCLR pin (see Section 2.3 “Master Clear (MCLR) Pin”) • ENVREG/DISVREG and VCAP/VDDCORE pins (PIC24FJ devices only) (see Section 2.4 “Voltage Regulator Pins (ENVREG/DISVREG and VCAP/VDDCORE)” ) These pins must also be connected if they are being used in the end application: • PGECx/PGEDx pins used for In-Circuit Serial Programming™ (ICSP™) and debugging purposes (see Section 2.5 “ICSP Pins”) • OSCI and OSCO pins when an external oscillator source is used (see Section 2.6 “External Oscillator Pins”) Additionally, the following pins may be required: •VREF+/VREF- pins used when external voltage reference for analog modules is implemented The minimum mandatory connections are shown in Figure 2-1. FIGURE 2-1: RECOMMENDED MINIMUM CONNECTIONS Note: The AVDD and AVSS pins must always be connected, regardless of whether any of the analog modules are being used. PIC24FXXXX VDD VSS VSS VDD C1 R1 VDD MCLR VCAP/VDDCORE R2 (EN/DIS)VREG (1) C7 C2(2) C3(2) C4(2) C5(2) C6(2) Key (all values are recommendations): C1 through C6: 0.1 μF, 20V ceramic C7: 10 μF, 16V tantalum or ceramic R1: 10 kΩ R2: 100Ω to 470Ω Note 1: See Section 2.4 “Voltage Regulator Pins (ENVREG/DISVREG and VCAP/VDDCORE)” for explanation of ENVREG/DISVREG pin connections. 2: The example shown is for a PIC24F device with five VDD/VSS and AVDD/AVSS pairs. Other devices may have more or less pairs; adjust the number of decoupling capacitors appropriately. (1) |