| データシートサーチシステム |
|
EM351-RTR データシート(PDF) 59 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
EM351-RTR データシート(HTML) 59 Page - List of Unclassifed Manufacturers |
|
59 / 240 page ![]() EM351 / EM357 7-10 120-035X-000D Preliminary 7.11 Registers GPIO_PxCFGL GPIO_PACFGL Port A Configuration Register (Low) Address: 0x4000B000 Reset: 0x4444 GPIO_PBCFGL Port B Configuration Register (Low) Address: 0x4000B400 Reset: 0x4444 GPIO_PCCFGL Port C Configuration Register (Low) Address: 0x4000B800 Reset: 0x4444 Substitute A, B, or C for x in the following detail description. 31 30 29 28 27 26 25 24 0 0 0 0 0 0 0 0 23 22 21 20 19 18 17 16 0 0 0 0 0 0 0 0 15 14 13 12 11 10 9 8 Px3_CFG Px2_CFG 7 6 5 4 3 2 1 0 Px1_CFG Px0_CFG Bitname Bitfield Access Description Px3_CFG [15:12] RW GPIO configuration control. 0x0: Analog, input or output (GPIO_PxIN always reads 1). 0x1: Output, push-pull (GPIO_PxOUT controls the output). 0x4: Input, floating. 0x5: Output, open-drain (GPIO_PxOUT controls the output). 0x8: Input, pulled up or down (selected by GPIO_PxOUT: 0 = pull-down, 1 = pull-up). 0x9: Alternate output, push-pull (peripheral controls the output). 0xD: Alternate output, open-drain (peripheral controls the output). Px2_CFG [11:8] RW GPIO configuration control: see Px3_CFG above. Px1_CFG [7:4] RW GPIO configuration control: see Px3_CFG above. Px0_CFG [3:0] RW GPIO configuration control: see Px3_CFG above. |