データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

RJK0393DPA データシート(PDF) 2 Page - Renesas Technology Corp

部品番号 RJK0393DPA
部品情報  Silicon N Channel Power MOS FET Power Switching
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RENESAS [Renesas Technology Corp]
ホームページ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJK0393DPA データシート(HTML) 2 Page - Renesas Technology Corp

  RJK0393DPA_10 Datasheet HTML 1Page - Renesas Technology Corp RJK0393DPA_10 Datasheet HTML 2Page - Renesas Technology Corp RJK0393DPA_10 Datasheet HTML 3Page - Renesas Technology Corp RJK0393DPA_10 Datasheet HTML 4Page - Renesas Technology Corp RJK0393DPA_10 Datasheet HTML 5Page - Renesas Technology Corp RJK0393DPA_10 Datasheet HTML 6Page - Renesas Technology Corp RJK0393DPA_10 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
RJK0393DPA
Preliminary
REJ03G1784-0220 Rev.2.20
Page 2 of 6
May 21, 2010
Electrical Characteristics
(Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Drain to source breakdown voltage
V(BR)DSS
30
—
—
V
ID = 10 mA, VGS = 0
Gate to source leak current
IGSS
—
—
0.1
A
VGS = 20 V, VDS = 0
Zero gate voltage drain current
IDSS
—
—
1
A
VDS = 30 V, VGS = 0
Gate to source cutoff voltage
VGS(off)
1.2
—
2.5
V
VDS = 10 V, ID = 1 mA
RDS(on)
—
3.3
4.3
m
ID = 20 A, VGS = 10 V
Note4
Static drain to source on state
resistance
RDS(on)
—
4.2
5.9
m
ID = 20 A, VGS = 4.5 V
Note4
Forward transfer admittance
|yfs|
—
100
—
S
ID = 20 A, VDS = 10 V
Note4
Input capacitance
Ciss
—
3270
—
pF
Output capacitance
Coss
—
430
—
pF
Reverse transfer capacitance
Crss
—
225
—
pF
VDS = 10 V, VGS = 0,
f = 1 MHz
Gate Resistance
Rg
—
1.4
—
Total gate charge
Qg
—
21
—
nC
Gate to source charge
Qgs
—
9.5
—
nC
Gate to drain charge
Qgd
—
4.7
—
nC
VDD = 10 V, VGS = 4.5 V,
ID = 40 A
Turn-on delay time
td(on)
—
13.2
—
ns
Rise time
tr
—
6.0
—
ns
Turn-off delay time
td(off)
—
52
—
ns
Fall time
tf
—
7.1
—
ns
VGS = 10 V, ID = 20 A,
VDD  10 V, RL = 0.5 ,
Rg = 4.7
Body–drain diode forward voltage
VDF
—
0.83
1.08
V
IF = 40 A, VGS = 0
Note4
Body–drain diode reverse recovery
time
trr
—
23.5
—
ns
IF = 40 A, VGS = 0
diF/ dt = 100 A/ s
Notes: 4. Pulse test



Html Pages

1 2 3 4 5 6 7