データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AS1521-BTSU データシート(PDF) 21 Page - ams AG

部品番号 AS1521-BTSU
部品情報  10-Bit, Single-Supply, Low-Power, 400/300ksps, 8-Channel A/D Converters
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMSCO [ams AG]
ホームページ  http://www.ams.com
Logo AMSCO - ams AG

AS1521-BTSU データシート(HTML) 21 Page - ams AG

Back Button AS1521-BTSU Datasheet HTML 17Page - ams AG AS1521-BTSU Datasheet HTML 18Page - ams AG AS1521-BTSU Datasheet HTML 19Page - ams AG AS1521-BTSU Datasheet HTML 20Page - ams AG AS1521-BTSU Datasheet HTML 21Page - ams AG AS1521-BTSU Datasheet HTML 22Page - ams AG AS1521-BTSU Datasheet HTML 23Page - ams AG AS1521-BTSU Datasheet HTML 24Page - ams AG AS1521-BTSU Datasheet HTML 25Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
www.austriamicrosystems.com
Revision 1.00
21 - 29
AS1520/AS1521
Data Sheet - Deta iled Description
A 0.01µF bypass capacitor plus the internal 17k
Ω reference resistor at REFADJ form an R/C filter with a 170µs time
constant. To achieve full 10-bit accuracy, 7 time constants (1.4ms) are required after power-up if the bypass capacitor
is fully discharged between conversions. Waiting this 1.4ms in reduced-power mode instead of normal operation mode
can further reduce power consumption. This is achieved by using the sequence shown in Figure 30 on page 21.
Figure 31 on page 21 shows the AS1521 power consumption for conversions using full power-down mode (PD1 = PD0
= 0 (see Table 12), an external reference, and the maximum clock speed. One dummy conversion to power-up the
device is required, but no wait-time is necessary to start the second conversion, thereby achieving lower power con-
sumption up to the full sampling rate.
Figure 30. Full Power-Down Timing Waveforms (AS1521)
Figure 31. Average Supply Current vs. Sampling Rate (AS1521, FULLPD, and External Reference)
Reference
The AS1520/AS1521 can operate with the internal or an external reference.
Internal Reference
The internal reference is selected by placing a capacitor between REFADJ and GND. The internally trimmed 1.22V
bandgap voltage available at REFADJ is buffered with a gain of 2.045V/V to pin REF, where 2.5V are available. A
decoupling capacitor is needed at pin REF.
DIN
1
01
1
1
0
00
0
Full Power-
Down
Reduced-
Power Mode
REF
1
REFADJ
IVDD1+IVDD2
+IVDD3
Full Power-
Down
1.22V
2.5V
2.2mA
2.2mA
2.2mA
2.5V
1.22V
0mA
0mA
0.4mA
γ = R/C = 17Ωk x 0.01µF
Full Power-
Down
Normal Mode
Conversion
Normal Mode
Dummy
Conversion
Reduced
Power Mode
Normal Mode
Conversion
Full Power-
Down
1 Channel
0.1
100
100000
0.001
0.01
0.1
1
10
100
Sampling Rate (ksps)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com