| データシートサーチシステム |
|
PIC16F688-E/ST データシート(PDF) 40 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F688-E/ST データシート(HTML) 40 Page - Microchip Technology |
|
40 / 204 page ![]() PIC16F688 DS41203E-page 38 © 2009 Microchip Technology Inc. 4.2.5.2 RA1/AN1/C1IN-/VREF/ICSPCLK Figure 4-2 shows the diagram for this pin. The RA1 pin is configurable to function as one of the following: • a general purpose I/O • an analog input for the A/D • an analog input to the comparator • a voltage reference input for the A/D • In-Circuit Serial Programming™ clock FIGURE 4-2: BLOCK DIAGRAM OF RA1 4.2.5.3 RA2/AN2/T0CKI/INT/C1OUT Figure 4-3 shows the diagram for this pin. The RA2 pin is configurable to function as one of the following: • a general purpose I/O • an analog input for the A/D • the clock input for Timer0 • an external edge triggered interrupt • a digital output from the comparator FIGURE 4-3: BLOCK DIAGRAM OF RA2 I/O pin VDD VSS D Q CK Q D Q CK Q D Q CK Q D Q CK Q VDD D EN Q D EN Q Weak Data Bus WR WPUA RD WPUA RD PORTA RD PORTA WR PORTA WR TRISA RD TRISA WR IOCA RD IOCA Interrupt-on- To Comparator Analog(1) Input Mode RAPU Analog(1) Input Mode change Q3 Note 1: Comparator mode and ANSEL determines analog Input mode. To A/D Converter I/O pin VDD VSS D Q CK Q D Q CK Q D Q CK Q D Q CK Q VDD D EN Q D EN Q Weak Analog(1) Input Mode Data Bus WR WPUA RD WPUA RD PORTA WR PORTA WR TRISA RD TRISA WR IOCA RD IOCA To A/D Converter 0 1 C1OUT C1OUT Enable To INT To Timer0 Analog(1) Input Mode RAPU RD PORTA Interrupt-on- change Q3 Note 1: Analog Input mode is based upon ANSEL. |