データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PIC16F883-E/ML データシート(PDF) 22 Page - Microchip Technology

部品番号 PIC16F883-E/ML
部品情報  28/40/44-Pin, Enhanced Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F883-E/ML データシート(HTML) 22 Page - Microchip Technology

Back Button PIC16F883-E/ML Datasheet HTML 18Page - Microchip Technology PIC16F883-E/ML Datasheet HTML 19Page - Microchip Technology PIC16F883-E/ML Datasheet HTML 20Page - Microchip Technology PIC16F883-E/ML Datasheet HTML 21Page - Microchip Technology PIC16F883-E/ML Datasheet HTML 22Page - Microchip Technology PIC16F883-E/ML Datasheet HTML 23Page - Microchip Technology PIC16F883-E/ML Datasheet HTML 24Page - Microchip Technology PIC16F883-E/ML Datasheet HTML 25Page - Microchip Technology PIC16F883-E/ML Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 328 page
background image
PIC16F882/883/884/886/887
DS41291F-page 20
© 2009 Microchip Technology Inc.
RD7/P1D
RD7
TTL
CMOS General purpose I/O.
P1D
AN
—
PWM output.
RE0/AN5
RE0
TTL
CMOS General purpose I/O.
AN5
AN
—
A/D Channel 5.
RE1/AN6
RE1
TTL
CMOS General purpose I/O.
AN6
AN
—
A/D Channel 6.
RE2/AN7
RE2
TTL
CMOS General purpose I/O.
AN7
AN
—
A/D Channel 7.
RE3/MCLR/VPP
RE3
TTL
—
General purpose input.
MCLR
ST
—
Master Clear with internal pull-up.
VPP
HV
—
Programming voltage.
VSS
VSS
Power
—
Ground reference.
VDD
VDD
Power
—
Positive supply.
TABLE 1-2:
PIC16F884/887 PINOUT DESCRIPTION (CONTINUED)
Name
Function
Input
Type
Output
Type
Description
Legend:
AN
= Analog input or output
CMOS = CMOS compatible input or output
OD = Open Drain
TTL = TTL compatible input
ST
= Schmitt Trigger input with CMOS levels
HV
= High Voltage
XTAL
= Crystal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More