| データシートサーチシステム |
|
PIC16F883-E/ML データシート(PDF) 189 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F883-E/ML データシート(HTML) 189 Page - Microchip Technology |
|
189 / 328 page ![]() © 2009 Microchip Technology Inc. DS41291F-page 187 PIC16F882/883/884/886/887 FIGURE 13-4: SPI MODE WAVEFORM (SLAVE MODE WITH CKE = 0) FIGURE 13-5: SPI MODE WAVEFORM (SLAVE MODE WITH CKE = 1) SCK (CKP = 1 SCK (CKP = 0 Input Sample SDI bit 7 bit 0 SDO bit 7 bit 6 bit 5 bit 4 bit 3 bit 2 bit 1 bit 0 SSPIF (SMP = 0) CKE = 0) CKE = 0) (SMP = 0) Write to SSPBUF SSPSR to SSPBUF SS Optional Next Q4 Cycle after Q2 ↓ SCK (CKP = 1 SCK (CKP = 0 Input Sample SDI bit 7 bit 0 SDO bit 7 bit 6 bit 5 bit 4 bit 3 bit 2 bit 1 bit 0 SSPIF (SMP = 0) CKE = 1) CKE = 1) (SMP = 0) Write to SSPBUF SSPSR to SSPBUF SS Required Next Q4 Cycle after Q2 ↓ |