| データシートサーチシステム |
|
PIC16F887-E/ML データシート(PDF) 56 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F887-E/ML データシート(HTML) 56 Page - Microchip Technology |
|
56 / 328 page ![]() PIC16F882/883/884/886/887 DS41291F-page 54 © 2009 Microchip Technology Inc. 3.5.1 RC0/T1OSO/T1CKI Figure 3-11 shows the diagram for this pin. This pin is configurable to function as one of the following: • a general purpose I/O • a Timer1 oscillator output • a Timer1 clock input FIGURE 3-11: BLOCK DIAGRAM OF RC0 3.5.2 RC1/T1OSI/CCP2 Figure 3-12 shows the diagram for this pin. This pin is configurable to function as one of the following: • a general purpose I/O • a Timer1 oscillator input • a Capture input and Compare/PWM output for Comparator C2 FIGURE 3-12: BLOCK DIAGRAM OF RC1 3.5.3 RC2/P1A/CCP1 Figure 3-13 shows the diagram for this pin. This pin is configurable to function as one of the following: • a general purpose I/O • a PWM output • a Capture input and Compare output for Comparator C1 FIGURE 3-13: BLOCK DIAGRAM OF RC2 I/O Pin VDD VSS D Q CK Q D Q CK Q Data Bus RD PORTC WR PORTC WR TRISC RD TRISC To Timer1 clock input T1OSCEN Circuit Timer1 Oscillator I/O Pin VDD VSS D Q CK Q D Q CK Q Data Bus RD PORTC WR PORTC WR TRISC RD TRISC To CCP2 CCP2 CCP2CON 0 1 1 0 T1OSCEN T1OSCEN Circuit Timer1 Oscillator T1OSI VDD VSS D Q CK Q D Q CK Q Data bus WR PORTC WR TRISC RD TRISC To Enhanced CCP1 RD PORTC CCP1/P1A CCP1CON 0 1 1 0 I/O Pin |