| データシートサーチシステム |
|
PIC18F4580-I/ML データシート(PDF) 83 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F4580-I/ML データシート(HTML) 83 Page - Microchip Technology |
|
83 / 490 page ![]() © 2009 Microchip Technology Inc. DS39637D-page 83 PIC18F2480/2580/4480/4580 TABLE 6-2: REGISTER FILE SUMMARY (PIC18F2480/2580/4480/4580) File Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Value on POR, BOR Detailson Page: TOSU — — — Top-of-Stack Upper Byte (TOS<20:16>) ---0 0000 55, 68 TOSH Top-of-Stack High Byte (TOS<15:8>) 0000 0000 55, 68 TOSL Top-of-Stack Low Byte (TOS<7:0>) 0000 0000 55, 68 STKPTR STKFUL STKUNF — Return Stack Pointer 00-0 0000 55, 69 PCLATU — —bit 21(1) Holding Register for PC<20:16> ---0 0000 55, 68 PCLATH Holding Register for PC<15:8> 0000 0000 55, 68 PCL PC Low Byte (PC<7:0>) 0000 0000 55, 68 TBLPTRU — — bit 21 Program Memory Table Pointer Upper Byte (TBLPTR<20:16>) --00 0000 55, 109 TBLPTRH Program Memory Table Pointer High Byte (TBLPTR<15:8>) 0000 0000 55, 109 TBLPTRL Program Memory Table Pointer Low Byte (TBLPTR<7:0>) 0000 0000 55, 109 TABLAT Program Memory Table Latch 0000 0000 55, 109 PRODH Product Register High Byte xxxx xxxx 55, 117 PRODL Product Register Low Byte xxxx xxxx 55, 117 INTCON GIE/GIEH PEIE/GIEL TMR0IE INT0IE RBIE TMR0IF INT0IF RBIF 0000 000x 55, 121 INTCON2 RBPU INTEDG0 INTEDG1 INTEDG2 —TMR0IP —RBIP 1111 -1-1 55, 122 INTCON3 INT2IP INT1IP — INT2IE INT1IE — INT2IF INT1IF 11-0 0-00 55, 123 INDF0 Uses contents of FSR0 to address data memory – value of FSR0 not changed (not a physical register) N/A 55, 96 POSTINC0 Uses contents of FSR0 to address data memory – value of FSR0 post-incremented (not a physical register) N/A 55, 97 POSTDEC0 Uses contents of FSR0 to address data memory – value of FSR0 post-decremented (not a physical register) N/A 55, 97 PREINC0 Uses contents of FSR0 to address data memory – value of FSR0 pre-incremented (not a physical register) N/A 55, 97 PLUSW0 Uses contents of FSR0 to address data memory – value of FSR0 pre-incremented (not a physical register), value of FSR0 offset by W N/A 55, 97 FSR0H — — — — Indirect Data Memory Address Pointer 0 High ---- xxxx 55, 96 FSR0L Indirect Data Memory Address Pointer 0 Low Byte xxxx xxxx 55, 96 WREG Working Register xxxx xxxx 55 INDF1 Uses contents of FSR1 to address data memory – value of FSR1 not changed (not a physical register) N/A 55, 96 POSTINC1 Uses contents of FSR1 to address data memory – value of FSR1 post-incremented (not a physical register) N/A 55, 97 POSTDEC1 Uses contents of FSR1 to address data memory – value of FSR1 post-decremented (not a physical register) N/A 55, 97 PREINC1 Uses contents of FSR1 to address data memory – value of FSR1 pre-incremented (not a physical register) N/A 55, 97 PLUSW1 Uses contents of FSR1 to address data memory – value of FSR1 pre-incremented (not a physical register), value of FSR1 offset by W N/A 55, 97 FSR1H — — — — Indirect Data Memory Address Pointer 1 High ---- xxxx 55, 96 FSR1L Indirect Data Memory Address Pointer 1 Low Byte xxxx xxxx 55, 96 BSR — — — — Bank Select Register ---- 0000 56, 73 INDF2 Uses contents of FSR2 to address data memory – value of FSR2 not changed (not a physical register) N/A 56, 96 POSTINC2 Uses contents of FSR2 to address data memory – value of FSR2 post-incremented (not a physical register) N/A 56, 97 POSTDEC2 Uses contents of FSR2 to address data memory – value of FSR2 post-decremented (not a physical register) N/A 56, 97 PREINC2 Uses contents of FSR2 to address data memory – value of FSR2 pre-incremented (not a physical register) N/A 56, 97 PLUSW2 Uses contents of FSR2 to address data memory – value of FSR2 pre-incremented (not a physical register), value of FSR2 offset by W N/A 56, 97 Legend: x = unknown, u = unchanged, - = unimplemented, q = value depends on condition Note 1: Bit 21 of the PC is only available in Test mode and Serial Programming modes. 2: The SBOREN bit is only available when CONFIG2L<1:0> = 01; otherwise, it is disabled and reads as ‘0’. See Section 5.4 “Brown-out Reset (BOR)”. 3: These registers and/or bits are not implemented on PIC18F2X80 devices and are read as ‘0’. Reset values are shown for PIC18F4X80 devices; individual unimplemented bits should be interpreted as ‘—’. 4: The PLLEN bit is only available in specific oscillator configuration; otherwise, it is disabled and reads as ‘0’. See Section 3.6.4 “PLL in INTOSC Modes”. 5: The RE3 bit is only available when Master Clear Reset is disabled (CONFIG3H<7> = 0); otherwise, RE3 reads as ‘0’. This bit is read-only. 6: RA6/RA7 and their associated latch and direction bits are individually configured as port pins based on various primary oscillator modes. When disabled, these bits read as ‘0’. 7: CAN bits have multiple functions depending on the selected mode of the CAN module. 8: This register reads all ‘0’s until the ECAN™ technology is set up in Mode 1 or Mode 2. 9: These registers are available on PIC18F4X80 devices only. |