| データシートサーチシステム |
|
PIC18F23K22-I/ML データシート(PDF) 4 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F23K22-I/ML データシート(HTML) 4 Page - Microchip Technology |
|
4 / 492 page ![]() PIC18(L)F2X/4XK22 DS41412B-page 4 Preliminary 2010 Microchip Technology Inc. • Two Enhanced Universal Synchronous Asynchronous Receiver Transmitter (EUSART) modules: - Supports RS-485, RS-232 and LIN - RS-232 operation using internal oscillator - Auto-Wake-up on Break - Auto-Baud Detect Device Program Memory Data Memory MSSP PIC18(L)F23K22 8K 4096 512 256 25 19 2 1 2 2 2 2 2 Y Y Y 3 4 PIC18(L)F24K22 16K 8192 768 256 25 19 2 1 2 2 2 2 2 YY Y 34 PIC18(L)F25K22 32K 16384 1536 256 25 19 2 1 2 2 2 2 2 YY Y 34 PIC18(L)F26K22 64k 32768 3896 1024 25 19 2 1 2 2 2 2 2 YY Y 34 PIC18(L)F43K22 8K 4096 512 256 36 30 2 2 1 2 2 2 2 YY Y 34 PIC18(L)F44K22 16K 8192 768 256 36 30 2 2 1 2 2 2 2 YY Y 34 PIC18(L)F45K22 32K 16384 1536 256 36 30 2 2 1 2 2 2 2 YY Y 34 PIC18(L)F46K22 64k 32768 3896 1024 36 30 2 2 1 2 2 2 2 YY Y 34 Note 1: One pin is input only. 2: Channel count includes internal FVR and DAC channels. |