| データシートサーチシステム |
|
PIC18F23K22-E/ML データシート(PDF) 216 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F23K22-E/ML データシート(HTML) 216 Page - Microchip Technology |
|
216 / 492 page ![]() PIC18(L)F2X/4XK22 DS41412B-page 216 Preliminary 2010 Microchip Technology Inc. FIGURE 15-9: SPI MODE WAVEFORM (SLAVE MODE WITH CKE = 0) FIGURE 15-10: SPI MODE WAVEFORM (SLAVE MODE WITH CKE = 1) SCKx (CKP = 1 SCKx (CKP = 0 Input Sample SDIx bit 7 SDOx bit 7 bit 6 bit 5 bit 4 bit 3 bit 2 bit 1 bit 0 SSPxIF Interrupt CKE = 0) CKE = 0) Write to SSPxBUF SSPxSR to SSPxBUF SSx Flag Optional bit 0 detection active Write Collision Valid SCKx (CKP = 1 SCKx (CKP = 0 Input Sample SDIx bit 7 bit 0 SDOx bit 7 bit 6 bit 5 bit 4 bit 3 bit 2 bit 1 bit 0 SSPxIF Interrupt CKE = 1) CKE = 1) Write to SSPxBUF SSPxSR to SSPxBUF SSx Flag Not Optional Write Collision detection active Valid |