| データシートサーチシステム |
|
PIC18F23K22-E/ML データシート(PDF) 17 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F23K22-E/ML データシート(HTML) 17 Page - Microchip Technology |
|
17 / 492 page ![]() 2010 Microchip Technology Inc. Preliminary DS41412B-page 17 PIC18(L)F2X/4XK22 TABLE 1-2: PIC18(L)F2XK22 PINOUT I/O DESCRIPTIONS Pin Number Pin Name Pin Type Buffer Type Description PDIP, SOIC QFN 227 RA0/C12IN0-/AN0 RA0 I/O TTL Digital I/O. C12IN0- I Analog Comparators C1 and C2 inverting input. AN0 I Analog Analog input 0. 328 RA1/C12IN1-/AN1 RA1 I/O TTL Digital I/O. C12IN1- I Analog Comparators C1 and C2 inverting input. AN1 I Analog Analog input 1. 41 RA2/C2IN+/AN2/DACOUT/VREF- RA2 I/O TTL Digital I/O. C2IN+ I Analog Comparator C2 non-inverting input. AN2 I Analog Analog input 2. DACOUT O Analog DAC Reference output. VREF- I Analog A/D reference voltage (low) input. 52 RA3/C1IN+/AN3/VREF+ RA3 I/O TTL Digital I/O. C1IN+ I Analog Comparator C1 non-inverting input. AN3 I Analog Analog input 3. VREF+ I Analog A/D reference voltage (high) input. 63 RA4/CCP5/C1OUT/SRQ/T0CKI RA4 I/O TTL Digital I/O. CCP5 I/O ST Capture 5 input/Compare 5 output/PWM 5 output. C1OUT O CMOS Comparator C1 output. SRQ O TTL SR Latch Q output. T0CKI I ST Timer0 external clock input. 74 RA5/C2OUT/SRNQ/SS1/HLVDIN/AN4 RA5 I/O TTL Digital I/O. C2OUT O CMOS Comparator C2 output. SRNQ O TTL SR Latch Q output. SS1 I TTL SPI slave select input (MSSP1). HLVDIN I Analog High/Low-Voltage Detect input. AN4 I Analog Analog input 4. 10 7 RA6/CLKO/OSC2 RA6 I/O TTL Digital I/O. CLKO O In RC mode, OSC2 pin outputs CLKOUT which has 1/4 the frequency of OSC1 and denotes the instruction cycle rate. OSC2 O Oscillator crystal output. Connects to crystal or resonator in Crystal Oscillator mode. Legend: TTL = TTL compatible input CMOS = CMOS compatible input or output; ST = Schmitt Trigger input with CMOS levels; I = Input; O = Output; P = Power. Note 1: Default pin assignment for P2B, T3CKI, CCP3 and CCP2 when Configuration bits PB2MX, T3CMX, CCP3MX and CCP2MX are set. 2: Alternate pin assignment for P2B, T3CKI, CCP3 and CCP2 when Configuration bits PB2MX, T3CMX, CCP3MX and CCP2MX are clear. |