データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PIC16F505-E/ST データシート(PDF) 9 Page - Microchip Technology

部品番号 PIC16F505-E/ST
部品情報  8/14-Pin, 8-Bit Flash Microcontrollers
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F505-E/ST データシート(HTML) 9 Page - Microchip Technology

Back Button PIC16F505-E/ST Datasheet HTML 5Page - Microchip Technology PIC16F505-E/ST Datasheet HTML 6Page - Microchip Technology PIC16F505-E/ST Datasheet HTML 7Page - Microchip Technology PIC16F505-E/ST Datasheet HTML 8Page - Microchip Technology PIC16F505-E/ST Datasheet HTML 9Page - Microchip Technology PIC16F505-E/ST Datasheet HTML 10Page - Microchip Technology PIC16F505-E/ST Datasheet HTML 11Page - Microchip Technology PIC16F505-E/ST Datasheet HTML 12Page - Microchip Technology PIC16F505-E/ST Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 110 page
background image
© 2009 Microchip Technology Inc.
DS41236E-page 9
PIC12F508/509/16F505
2.0
PIC12F508/509/16F505 DEVICE
VARIETIES
A variety of packaging options are available. Depend-
ing on application and production requirements, the
proper device option can be selected using the
information in this section. When placing orders, please
use the PIC12F508/509/16F505 Product Identification
System at the back of this data sheet to specify the
correct part number.
2.1
Quick Turn Programming (QTP)
Devices
Microchip offers a QTP programming service for
factory production orders. This service is made
available for users who choose not to program
medium-to-high
quantity
units
and
whose
code
patterns have stabilized. The devices are identical to
the Flash devices but with all Flash locations and fuse
options already programmed by the factory. Certain
code and prototype verification procedures do apply
before production shipments are available. Please
contact your local Microchip Technology sales office for
more details.
2.2
Serialized Quick Turn
ProgrammingSM (SQTPSM) Devices
Microchip offers a unique programming service, where
a few user-defined locations in each device are
programmed with different serial numbers. The serial
numbers
may
be
random,
pseudo-random
or
sequential.
Serial programming allows each device to have a
unique number, which can serve as an entry code,
password or ID number.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More