| データシートサーチシステム |
|
TOP101AI データシート(PDF) 14 Page - Power Integrations, Inc. |
|
|
|||||||||||||||||||||||||||||
TOP101AI データシート(HTML) 14 Page - Power Integrations, Inc. |
|
14 / 20 page ![]() E 7/96 14 TOP100-4 PI-1215-091794 DRAIN VOLTAGE HV 0 V 90% 10% 90% t2 t1 DC = t1 t2 Figure 12. TOPSwitch Duty Cycle Measurement. PI-1905-061396 C1 0.1 µF C2 47 µF VS1 0-50 V VS2 40 V TOPSwitch R1 470 Ω 5 W S2 S1 R2 470 Ω DRAIN SOURCE CONTROL NOTE: This test circuit is not applicable for current limit or output characteristic measurements. Figure 14. TOPSwitch General Test Circuit. 120 100 80 40 20 60 0 02 4 6 8 10 CONTROL Pin Voltage (V) TYPICAL CONTROL PIN I-V CHARACTERISTIC Latched Shutdown Trigger Current (45 mA) 1 Slope Dynamic Impedance = Figure 13. TOPSwitch CONTROL Pin I-V Characteristic. |